Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 107 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 107 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices AD4697BCPZ Datasheet HTML 101Page - Analog Devices AD4697BCPZ Datasheet HTML 102Page - Analog Devices AD4697BCPZ Datasheet HTML 103Page - Analog Devices AD4697BCPZ Datasheet HTML 104Page - Analog Devices AD4697BCPZ Datasheet HTML 105Page - Analog Devices AD4697BCPZ Datasheet HTML 106Page - Analog Devices AD4697BCPZ Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 107 / 107 page
background image
Data Sheet
AD4697/AD4698
OUTLINE DIMENSIONS
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 107 of 107
Figure 128. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-8)
Dimensions shown in millimeters
Figure 129. 36-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-36-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD4697BCPZ
−40°C to +125°C
24-Lead LFCSP
Tray, 490
CP-24-8
AD4697BCPZ-RL7
−40°C to +125°C
24-Lead LFCSP
Reel, 1500
CP-24-8
AD4698BCPZ
−40°C to +125°C
24-Lead LFCSP
Tray, 490
CP-24-8
AD4698BCPZ-RL7
−40°C to +125°C
24-Lead LFCSP
Reel, 1500
CP-24-8
AD4698BCBZ-RL7
−40°C to +125°C
36-Ball WLCSP
Reel, 1500
CB-36-5
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com