Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 49 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 45Page - STMicroelectronics ASM330LHH Datasheet HTML 46Page - STMicroelectronics ASM330LHH Datasheet HTML 47Page - STMicroelectronics ASM330LHH Datasheet HTML 48Page - STMicroelectronics ASM330LHH Datasheet HTML 49Page - STMicroelectronics ASM330LHH Datasheet HTML 50Page - STMicroelectronics ASM330LHH Datasheet HTML 51Page - STMicroelectronics ASM330LHH Datasheet HTML 52Page - STMicroelectronics ASM330LHH Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
DocID031239 Rev 4
49/84
ASM330LHH
Register description
84
9.11
CTRL1_XL (10h)
Accelerometer control register 1 (r/w)
Table 39. CTRL1_XL register description
Table 38. CTRL1_XL register
ODR_XL3 ODR_XL2 ODR_XL1 ODR_XL0
FS1_XL
FS0_XL
LPF2_XL_
EN
0(1)
1. This bit must be set to '0' for the correct operation of the device.
ODR_XL[3:0]
Accelerometer ODR selection
(0000: Power-down (default);
0001: 12.5 Hz;
0010: 26 Hz;
0011: 52 Hz;
0100: 104 Hz;
0101: 208 Hz;
0110: 417 Hz;
0111: 833 Hz;
1000: 1667 Hz;
1001: 3333 Hz;
1010: 6667 Hz;
1011: not allowed;
11xx: not allowed)
FS[1:0]_XL
Accelerometer full-scale selection
(00: ±2 g (default);
01: ±16 g;
10: ±4 g;
11: ±8 g)
LPF2_XL_EN
Accelerometer high-resolution selection:
(0: Output from first stage digital stage filtering selected (default);
1: Output from LPF2 second filtering stage selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com