Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 13 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 9Page - STMicroelectronics ASM330LHH Datasheet HTML 10Page - STMicroelectronics ASM330LHH Datasheet HTML 11Page - STMicroelectronics ASM330LHH Datasheet HTML 12Page - STMicroelectronics ASM330LHH Datasheet HTML 13Page - STMicroelectronics ASM330LHH Datasheet HTML 14Page - STMicroelectronics ASM330LHH Datasheet HTML 15Page - STMicroelectronics ASM330LHH Datasheet HTML 16Page - STMicroelectronics ASM330LHH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
DocID031239 Rev 4
13/84
ASM330LHH
Pin description
84
13
SCL
I²C serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I²C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
1. INT1 must be set to '0' or left unconnected during power-on.
2. Recommended 100 nF filter capacitor.
3. Recommended 100 nF plus 10 μF capacitors.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com