Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 65 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 61Page - STMicroelectronics ASM330LHH Datasheet HTML 62Page - STMicroelectronics ASM330LHH Datasheet HTML 63Page - STMicroelectronics ASM330LHH Datasheet HTML 64Page - STMicroelectronics ASM330LHH Datasheet HTML 65Page - STMicroelectronics ASM330LHH Datasheet HTML 66Page - STMicroelectronics ASM330LHH Datasheet HTML 67Page - STMicroelectronics ASM330LHH Datasheet HTML 68Page - STMicroelectronics ASM330LHH Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
DocID031239 Rev 4
65/84
ASM330LHH
Register description
84
9.35
INT_CFG0 (56h)
Activity/inactivity functions, configuration of filtering, and interrupt latch mode configuration
(r/w).
Table 102. INT_CFG0 register description
9.36
INT_CFG1 (58h)
Enables interrupt function register (r/w)
Table 104. INT_CFG1 register description
Table 101. INT_CFG0 register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT_CLR
_ON_
READ
SLEEP_
STATUS_
ON_INT
SLOPE_
FDS
0(1)
0(1)
0(1)
LIR
INT_CLR_ON_
READ
This bit allows immediately clearing the latched interrupts of an event detection
upon the read of the corresponding status register. It must be set to 1 together
with LIR. Default value: 0
(0: latched interrupt signal cleared at the end of the ODR period;
1: latched interrupt signal immediately cleared)
SLEEP_STATUS
_ON_INT
Activity/inactivity interrupt mode configuration.
If INT1_SLEEP_CHANGE or INT2_SLEEP_CHANGE bits are enabled, drives
the sleep status or sleep change on INT pins. Default value: 0
(0: sleep change notification on INT pins; 1: sleep status reported on INT pins)
SLOPE_FDS
HPF or SLOPE filter selection on wake-up and Activity/Inactivity functions.
Default value: 0
(0: SLOPE filter applied; 1: HPF applied)
LIR
Latched Interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
Table 103. INT_CFG1 register
INTERRUPTS_
ENABLE
INACT_
EN1
INACT_
EN0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
INTERRUPTS
_ENABLE
Enables hardcoded functions
INACT_EN[1:0]
Enables activity/inactivity (sleep) function. Default value: 00
(00: stationary/motion-only interrupts generated, XL and gyro do not change;
01: sets accelerometer ODR to 12.5 Hz, gyro does not change;
10: sets accelerometer ODR to 12.5 Hz, gyro to sleep mode;
11: sets accelerometer ODR to 12.5 Hz, gyro to power-down mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com