Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 15 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 11Page - STMicroelectronics ASM330LHH Datasheet HTML 12Page - STMicroelectronics ASM330LHH Datasheet HTML 13Page - STMicroelectronics ASM330LHH Datasheet HTML 14Page - STMicroelectronics ASM330LHH Datasheet HTML 15Page - STMicroelectronics ASM330LHH Datasheet HTML 16Page - STMicroelectronics ASM330LHH Datasheet HTML 17Page - STMicroelectronics ASM330LHH Datasheet HTML 18Page - STMicroelectronics ASM330LHH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
DocID031239 Rev 4
15/84
ASM330LHH
Module specifications
84
LA_TyOff
Linear acceleration zero-g level
offset accuracy(5)
-80
+80
mg
G_TyOff Angular rate zero-rate level(5)
-10
+10
dps
LA_TCOff
Linear acceleration zero-g level
change vs. temperature(4)
±0.10
mg/°C
G_TCOff
Angular rate typical zero-rate level
change vs. temperature(4)
±0.005
dps/°C
LA_Cx
Linear acceleration cross-axis
sensitivity
T = 25 °C
±1
%
G_Cx
Angular rate cross-axis sensitivity
T = 25 °C
±1
%
Rn
Rate noise density(6)
5
12
mdps/√Hz
NL
Nonlinearity(7)
Best-fit straight line
0.01
% FS
ARW
Angular random walk(7)
T = 25 °C
0.21
deg/√h
BI
Bias instability(7)
T = 25 °C
3
deg/h
An
Acceleration noise density(8)
@LA_FS = ±2 g
60
200
μg/√Hz
LA_ODR
Linear acceleration output data
rate
12.5
26
52
104
208
416
833
1667
3333
6667
Hz
G_ODR Angular rate output data rate
12.5
26
52
104
208
416
833
1667
3333
6667
Vst
Linear acceleration
self-test output change(9)(10)(11)(12)
40
1700
mg
Angular rate
self-test output change(13)(14)
FS = ±250 dps
20
80
dps
FS = ±2000 dps
150
700
dps
Top
Operating temperature range
-40
+105
°C
1. Typical specifications are not guaranteed.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com