Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 54 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 50Page - STMicroelectronics ASM330LHH Datasheet HTML 51Page - STMicroelectronics ASM330LHH Datasheet HTML 52Page - STMicroelectronics ASM330LHH Datasheet HTML 53Page - STMicroelectronics ASM330LHH Datasheet HTML 54Page - STMicroelectronics ASM330LHH Datasheet HTML 55Page - STMicroelectronics ASM330LHH Datasheet HTML 56Page - STMicroelectronics ASM330LHH Datasheet HTML 57Page - STMicroelectronics ASM330LHH Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
Register description
ASM330LHH
54/84
DocID031239 Rev 4
9.16
CTRL6_C (15h)
Control register 6 (r/w)
Table 50. CTRL6_C register
TRIG_EN
LVL1_EN
LVL2_EN
0(1)
1. This bit must be set to '0' for the correct operation of the device.
USR_
OFF_W
FTYPE_2
FTYPE_1
FTYPE_0
Table 51. CTRL6_C register description
TRIG_EN
DEN data edge-sensitive trigger enable. Refer to Table 52.
LVL1_EN
DEN data level-sensitive trigger enable. Refer to Table 52.
LVL2_EN
DEN level-sensitive latched enable. Refer toTable 52.
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h),
Z_OFS_USR (75h)
(0 = 2-10 g/LSB;
1 = 2-6 g/LSB)
FTYPE[2:0]
Gyroscope low-pass filter (LPF1) bandwidth selection.
Table 53 shows the selectable bandwidth values.
Table 52. Trigger mode selection
TRIG_EN, LVL1_EN, LVL2_EN
Trigger mode
100
Edge-sensitive trigger mode is selected
010
Level-sensitive trigger mode is selected
011
Level-sensitive latched mode is selected
110
Level-sensitive FIFO enable mode is selected
Table 53. Gyroscope LPF1 bandwidth selection
FTYPE
[2:0]
12.5 Hz
26 Hz
52 Hz
104 Hz
208 Hz
416 Hz
833 Hz 1.67 kHz 3.33 kHz 6.67 kHz
000
4.3
8.3
16.7
33
67
133
222
274
292
297
001
4.3
8.3
16.7
33
67
128
186
212
220
223
010
4.3
8.3
16.7
33
67
112
140
150
153
154
011
4.3
8.3
16.7
33
67
134
260
390
451
470
100
4.3
8.3
16.7
34
62
86
96
99
NA
101
4.3
8.3
16.9
31
43
48
49
50
NA
110
4.3
8.3
13.4
19
23
24.6
25
25
NA
111
4.3
8.3
9.8
11.6
12.2
12.4
12.6
12.6
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com