Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 17 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 13Page - STMicroelectronics ASM330LHH Datasheet HTML 14Page - STMicroelectronics ASM330LHH Datasheet HTML 15Page - STMicroelectronics ASM330LHH Datasheet HTML 16Page - STMicroelectronics ASM330LHH Datasheet HTML 17Page - STMicroelectronics ASM330LHH Datasheet HTML 18Page - STMicroelectronics ASM330LHH Datasheet HTML 19Page - STMicroelectronics ASM330LHH Datasheet HTML 20Page - STMicroelectronics ASM330LHH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
DocID031239 Rev 4
17/84
ASM330LHH
Module specifications
84
4.2
Electrical characteristics
@ Vdd = 3.0 V, T = -40 °C to +105 °C, up to gyroscope FS = ±2000 dps unless otherwise
noted
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
2.0
3.6
V
Vdd_IO
Power supply for I/O
1.62
3.6
V
GA_Idd
Gyroscope and Accelerometer
current consumption
ODR = 1.6 kHz
1.3
1.6
mA
A_Idd
Accelerometer current
consumption
ODR < 1.6 kHz
360
530
μA
IddPD
Gyroscope and accelerometer
current consumption during
power-down
@25°C
3
13
μA
Ton
Turn-on time(2)
2. Time to obtain stable sensitivity (within ±5% of final value) switching from power-down to normal operation
35
ms
VIH(3)
3. Guaranteed by design characterization and not tested in production
Digital high-level input voltage
0.7 *
VDD_IO
V
VIL(3)
Digital low-level input voltage
0.3 *
VDD_IO
V
VOH(3)
High-level output voltage
IOH = 4 mA(4)
4. 4 mA is the minimum driving capability, i.e. the minimum DC current that can be sourced/sunk by the digital pad in order to
guarantee the correct digital output voltage levels VOH and VOL.
VDD_IO -
0.2
V
VOL(3)
Low-level output voltage
IOL = 4 mA(4)
0.2
V
Top
Operating temperature range
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com