Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 61 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 57Page - STMicroelectronics ASM330LHH Datasheet HTML 58Page - STMicroelectronics ASM330LHH Datasheet HTML 59Page - STMicroelectronics ASM330LHH Datasheet HTML 60Page - STMicroelectronics ASM330LHH Datasheet HTML 61Page - STMicroelectronics ASM330LHH Datasheet HTML 62Page - STMicroelectronics ASM330LHH Datasheet HTML 63Page - STMicroelectronics ASM330LHH Datasheet HTML 64Page - STMicroelectronics ASM330LHH Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
DocID031239 Rev 4
61/84
ASM330LHH
Register description
84
9.28
OUTZ_H_G (27h), OUTZ_L_G (26h)
Angular rate sensor pitch yaw (Z) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
9.29
OUTX_H_A (29h), OUTX_L_A (28h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
9.30
OUTY_H_A (2Bh), OUTY_L_A (2Ah)
Linear acceleration sensor Y-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
Table 80. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 81. OUTZ_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 82. OUTZ_H_G, OUTZ_L_G register description
D[15:0]
Gyroscope yaw axis output expressed in 2’s complement
Table 83. OUTX_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 84. OUTX_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 85. OUTX_H_A, OUTX_L_A register description
D[15:0]
Accelerometer X-axis output expressed as 2’s complement
Table 86. OUTY_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 87. OUTY_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 88. OUTY_H_A, OUTY_L_A register description
D[15:0]
Accelerometer Y-axis output expressed as 2’s complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com