Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 55 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 51Page - STMicroelectronics ASM330LHH Datasheet HTML 52Page - STMicroelectronics ASM330LHH Datasheet HTML 53Page - STMicroelectronics ASM330LHH Datasheet HTML 54Page - STMicroelectronics ASM330LHH Datasheet HTML 55Page - STMicroelectronics ASM330LHH Datasheet HTML 56Page - STMicroelectronics ASM330LHH Datasheet HTML 57Page - STMicroelectronics ASM330LHH Datasheet HTML 58Page - STMicroelectronics ASM330LHH Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
DocID031239 Rev 4
55/84
ASM330LHH
Register description
84
9.17
CTRL7_G (16h)
Control register 7 (r/w)
Table 55. CTRL7_G register description
9.18
CTRL8_XL (17h)
Control register 8 (r/w)
Table 57. CTRL8_XL register description
Table 54. CTRL7_G register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
HP_EN_G
HPM1_G
HPM0_G
0(1)
0(1)
USR_OFF
_ON_OUT
0(1)
HP_EN_G
Enables gyroscope digital high-pass filter. The filter is enabled only if the gyro is
in HP mode. Default value: 0
(0: HPF disabled; 1: HPF enabled)
HPM_G[1:0]
Gyroscope digital HP filter cutoff selection. Default: 00
(00 = 16 mHz;
01 = 65 mHz;
10 = 260 mHz;
11 = 1.04 Hz)
USR_OFF_ON_
OUT
Enables accelerometer user offset correction block; it's valid for the low-pass
path - see Figure 13. Default value: 0
(0: accelerometer user offset correction block bypassed;
1: accelerometer user offset correction block enabled)
Table 56. CTRL8_XL register
HPCF_XL
_2
HPCF_XL
_1
HPCF_XL
_0
HP_REF_
MODE_XL
FASTSETTL
_MODE_XL
HP_SLOPE
_XL_EN
0(1)
1. This bit must be set to '0' for the correct operation of the device.
LOW_PASS
_ON_6D
HPCF_XL_[2:0]
Accelerometer LPF2 and HP filter configuration and cutoff setting. Refer to
Table 58.
HP_REF_
MODE_XL
Enables accelerometer high-pass filter reference mode (valid for high-pass path -
HP_SLOPE_XL_EN bit must be ‘1’). Default value: 0
(0: disabled, 1: enabled(1))
1. When enabled, the first output data have to be discarded.
FASTSETTL
_MODE_XL
Enables accelerometer LPF2 and HPF fast-settling mode. The filter sets the
second samples after writing this bit. Active only during device exit from power-
down mode. Default value: 0
(0: disabled, 1: enabled)
HP_SLOPE_
XL_EN
Accelerometer slope filter / high-pass filter selection. Refer to Figure 15.
LOW_PASS
_ON_6D
LPF2 on 6D function selection. Refer to Figure 15. Default value: 0
(0: ODR/2 low-pass filtered data sent to 6D interrupt function;
1: LPF2 output data sent to 6D interrupt function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com