Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 37 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 33Page - STMicroelectronics ASM330LHH Datasheet HTML 34Page - STMicroelectronics ASM330LHH Datasheet HTML 35Page - STMicroelectronics ASM330LHH Datasheet HTML 36Page - STMicroelectronics ASM330LHH Datasheet HTML 37Page - STMicroelectronics ASM330LHH Datasheet HTML 38Page - STMicroelectronics ASM330LHH Datasheet HTML 39Page - STMicroelectronics ASM330LHH Datasheet HTML 40Page - STMicroelectronics ASM330LHH Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
DocID031239 Rev 4
37/84
ASM330LHH
Application hints
84
7
Application hints
7.1
ASM330LHH electrical connections
Figure 14. ASM330LHH electrical connections
The device core is supplied through the Vdd line while the I/O pads are supplied through the
Vdd_IO line. As a common design practice, the power supply decoupling capacitors
C1 = 100 nF ceramic and C2 =10 μF aluminum should be placed as near as possible to
pin 8, while C3 = 100 nF ceramic should be positioned as close as possible to pin 5.
All the voltage and ground supplies must be present at the same time to have proper IC
behavior.
The functionality of the device and the measured acceleration/angular rate data are
selectable and accessible through the I²C or SPI interfaces. When using the I²C protocol,
CS must be tied high. Every time the CS line is set to low level, the I²C bus is internally
reset.
All the functions, the threshold and the timing of the two interrupt pins can be completely
programmed by the user through the I²C/SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com