Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 14 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 10Page - STMicroelectronics ASM330LHH Datasheet HTML 11Page - STMicroelectronics ASM330LHH Datasheet HTML 12Page - STMicroelectronics ASM330LHH Datasheet HTML 13Page - STMicroelectronics ASM330LHH Datasheet HTML 14Page - STMicroelectronics ASM330LHH Datasheet HTML 15Page - STMicroelectronics ASM330LHH Datasheet HTML 16Page - STMicroelectronics ASM330LHH Datasheet HTML 17Page - STMicroelectronics ASM330LHH Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Module specifications
ASM330LHH
14/84
DocID031239 Rev 4
4
Module specifications
4.1
Mechanical characteristics
@Vdd = 3.0 V, T = -40 °C to +105 °C, up to gyroscope FS = ±2000 dps unless otherwise
noted(a)
a. The product is factory calibrated at 3.0 V. The operational power supply range is from 2.0 V to 3.6 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration measurement
range
±2
g
±4
±8
±16
G_FS
Angular rate
measurement range
±125
dps
±250
±500
±1000
±2000
±4000
LA_So
Linear acceleration sensitivity(2)
@LA_FS = ±2 g
0.061
mg/LSB
@LA_FS = ±4 g
0.122
@LA_FS = ±8 g
0.244
@LA_FS = ±16 g
0.488
G_So
Angular rate sensitivity(2)
@G_FS = ±125 dps
4.37
mdps/LSB
@G_FS = ±250 dps
8.75
@G_FS = ±500 dps
17.5
@G_FS = ±1000 dps
35.0
@G_FS = ±2000 dps
70.0
@G_FS = ±4000 dps
140.0
LA_So% Sensitivity tolerance(3)
at component level
@25°C
-5
+5
%
G_So%
Sensitivity tolerance(3)
at component level
@25°C
-5
+5
%
LA_SoDr
Linear acceleration sensitivity
change vs. temperature(4)
±100
ppm/°C
G_SoDr
Angular rate sensitivity change vs.
temperature(4)
±70
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com