Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 30 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 26Page - STMicroelectronics ASM330LHH Datasheet HTML 27Page - STMicroelectronics ASM330LHH Datasheet HTML 28Page - STMicroelectronics ASM330LHH Datasheet HTML 29Page - STMicroelectronics ASM330LHH Datasheet HTML 30Page - STMicroelectronics ASM330LHH Datasheet HTML 31Page - STMicroelectronics ASM330LHH Datasheet HTML 32Page - STMicroelectronics ASM330LHH Datasheet HTML 33Page - STMicroelectronics ASM330LHH Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
Functionality
ASM330LHH
30/84
DocID031239 Rev 4
6
Functionality
6.1
Operating modes
In the ASM330LHH, the accelerometer and the gyroscope can be turned on/off
independently of each other and are allowed to have different ODRs and power modes.
The ASM330LHH has three operating modes available:
 only accelerometer active and gyroscope in power-down or sleep mode
 only gyroscope active and accelerometer in power-down
 both accelerometer and gyroscope sensors active with independent ODR
The accelerometer is activated from power-down by writing ODR_XL[3:0] in CTRL1_XL
(10h) while the gyroscope is activated from power-down by writing ODR_G[3:0] in
CTRL2_G (11h). For combo-mode the ODRs are totally independent.
6.2
Gyroscope power modes
In the ASM330LHH, the gyroscope can be configured in two different operating modes:
power-down and high-performance mode. High-performance mode is valid for all ODRs
(from 12.5 Hz up to 6.66 kHz).
6.3
Accelerometer power modes
In the ASM330LHH, the accelerometer can be configured in two different operating modes:
power-down and high-performance mode. High-performance mode is valid for all ODRs
(from 12.5 Hz up to 6.66 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com