Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 83 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 76Page - STMicroelectronics ASM330LHH Datasheet HTML 77Page - STMicroelectronics ASM330LHH Datasheet HTML 78Page - STMicroelectronics ASM330LHH Datasheet HTML 79Page - STMicroelectronics ASM330LHH Datasheet HTML 80Page - STMicroelectronics ASM330LHH Datasheet HTML 81Page - STMicroelectronics ASM330LHH Datasheet HTML 82Page - STMicroelectronics ASM330LHH Datasheet HTML 83Page - STMicroelectronics ASM330LHH Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
DocID031239 Rev 4
83/84
ASM330LHH
Revision history
84
13
Revision history
Table 138. Document revision history
Date
Revision
Changes
18-Feb-2019
3
First public release
06-May-2020
4
Updated Sg in Table 8: Absolute maximum ratings
Updated linear acceleration self-test output change in Table 3:
Mechanical characteristics
Updated text in I²C operation
Updated batch data rate for BDR_XL_[3:0] in FIFO_CTRL3 (09h)
Updated bit 2 in COUNTER_BDR_REG1 (0Bh)
Updated bit 6 in ALL_INT_SRC (1Ah)
Updated bits 4 and 6 in WAKE_UP_SRC (1Bh)
Updated description of bit D4D_EN in THS_6D (59h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com