Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 57 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 53Page - STMicroelectronics ASM330LHH Datasheet HTML 54Page - STMicroelectronics ASM330LHH Datasheet HTML 55Page - STMicroelectronics ASM330LHH Datasheet HTML 56Page - STMicroelectronics ASM330LHH Datasheet HTML 57Page - STMicroelectronics ASM330LHH Datasheet HTML 58Page - STMicroelectronics ASM330LHH Datasheet HTML 59Page - STMicroelectronics ASM330LHH Datasheet HTML 60Page - STMicroelectronics ASM330LHH Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
DocID031239 Rev 4
57/84
ASM330LHH
Register description
84
9.19
CTRL9_XL (18h)
Control register 9 (r/w)
Table 60. CTRL9_XL register description
9.20
CTRL10_C (19h)
Control register 10 (r/w)
Table 62. CTRL10_C register description
Table 59. CTRL9_XL register
DEN_X
DEN_Y
DEN_Z
DEN_XL_G DEN_XL_EN
DEN_LH
DEVICE
_CONF
0(1)
1. This bit must be set to '0' for the correct operation of the device.
DEN_X
DEN value stored in LSB of X-axis. Default value: 1
(0: DEN not stored in X-axis LSB; 1: DEN stored in X-axis LSB)
DEN_Y
DEN value stored in LSB of Y-axis. Default value: 1
(0: DEN not stored in Y-axis LSB; 1: DEN stored in Y-axis LSB)
DEN_Z
DEN value stored in LSB of Z-axis. Default value: 1
(0: DEN not stored in Z-axis LSB; 1: DEN stored in Z-axis LSB)
DEN_XL_G
DEN stamping sensor selection. Default value: 0
(0: DEN pin info stamped in the gyroscope axis selected by bits [7:5];
1: DEN pin info stamped in the accelerometer axis selected by bits [7:5])
DEN_XL_EN
Extends DEN functionality to accelerometer sensor. Default value: 0
(0: disabled; 1: enabled)
DEN_LH
DEN active level configuration. Default value: 0
(0: active low; 1: active high)
DEVICE_CONF
Enables the proper device configuration. Default value: 0
It is recommended to always set this bit to 1 during device configuration.
(0: default;
1: enabled)
Table 61. CTRL10_C register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
TIMESTAMP
_EN
0(1)
0(1)
0(1)
0(1)
0(1)
TIMESTAMP_EN
Enables timestamp counter. Default value: 0
(0: disabled; 1: enabled)
The counter is readable in TIMESTAMP0 (40h), TIMESTAMP1 (41h),
TIMESTAMP2 (42h), and TIMESTAMP3 (43h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com