Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHH Datasheet(PDF) 34 Page - STMicroelectronics

Part # ASM330LHH
Description  Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ASM330LHH Datasheet HTML 30Page - STMicroelectronics ASM330LHH Datasheet HTML 31Page - STMicroelectronics ASM330LHH Datasheet HTML 32Page - STMicroelectronics ASM330LHH Datasheet HTML 33Page - STMicroelectronics ASM330LHH Datasheet HTML 34Page - STMicroelectronics ASM330LHH Datasheet HTML 35Page - STMicroelectronics ASM330LHH Datasheet HTML 36Page - STMicroelectronics ASM330LHH Datasheet HTML 37Page - STMicroelectronics ASM330LHH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Functionality
ASM330LHH
34/84
DocID031239 Rev 4
6.5.1
Bypass mode
In Bypass mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 000), the FIFO is not operational
and it remains empty. Bypass mode is also used to reset the FIFO when in FIFO mode.
6.5.2
FIFO mode
In FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 001) data from the output
channels are stored in the FIFO until it is full.
To reset FIFO content, Bypass mode should be selected by writing FIFO_CTRL4
(0Ah)(FIFO_MODE_[2:0]) to '000'. After this reset command, it is possible to restart FIFO
mode by writing FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0]) to '001'.
The FIFO buffer memorizes up to 3 kbytes of data but the depth of the FIFO can be resized
by setting the WTM [8:0] bits in FIFO_CTRL1 (07h) and FIFO_CTRL2 (08h). If the
STOP_ON_WTM bit in FIFO_CTRL2 (08h) is set to '1', FIFO depth is limited up to the WTM
[8:0] bits in FIFO_CTRL1 (07h) and FIFO_CTRL2 (08h).
6.5.3
Continuous mode
Continuous mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 110) provides a continuous
FIFO update: as new data arrives, the older data is discarded.
A FIFO threshold flag FIFO_STATUS2 (3Bh)(FIFO_WTM_IA) is asserted when the number
of unread samples in FIFO is greater than or equal to FIFO_CTRL1 (07h) and FIFO_CTRL2
(08h)(WTM [8:0]).
It is possible to route the FIFO_WTM_IA flag to FIFO_CTRL2 (08h) to the INT1 pin by
writing in register INT1_CTRL (0Dh)(INT1_FIFO_TH) = '1' or to the INT2 pin by writing in
register INT2_CTRL (0Eh)(INT2_FIFO_TH) = '1'.
A full-flag interrupt can be enabled, INT1_CTRL (0Dh)(INT1_FIFO_FULL) = '1' or
INT2_CTRL (0Eh)(INT2_FIFO_FULL) = '1', in order to indicate FIFO saturation and
eventually read its content all at once.
If an overrun occurs, at least one of the oldest samples in FIFO has been overwritten and
the FIFO_OVR_IA flag in FIFO_STATUS2 (3Bh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available inFIFO_STATUS1 (3Ah) and FIFO_STATUS2
(3Bh)(DIFF_FIFO_[9:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com