Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 27Page - Texas Instruments AM6421 Datasheet HTML 28Page - Texas Instruments AM6421 Datasheet HTML 29Page - Texas Instruments AM6421 Datasheet HTML 30Page - Texas Instruments AM6421 Datasheet HTML 31Page - Texas Instruments AM6421 Datasheet HTML 32Page - Texas Instruments AM6421 Datasheet HTML 33Page - Texas Instruments AM6421 Datasheet HTML 34Page - Texas Instruments AM6421 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B9
MCU_UART1_RTSn
PADCONFIG:
MCU_PADCONFIG17
0x04084044
MCU_UART1_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
MCU_TIMER_IO3
1
IO
0
MCU_SPI1_CS3
2
IO
1
MCU_GPIO0_17
7
IO
pad
C9
MCU_UART1_RXD
PADCONFIG:
MCU_PADCONFIG14
0x04084038
MCU_UART1_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
MCU_GPIO0_14
7
IO
pad
D9
MCU_UART1_TXD
PADCONFIG:
MCU_PADCONFIG15
0x0408403C
MCU_UART1_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
MCU_GPIO0_15
7
IO
pad
F18
MMC0_CALPAD
MMC0_CALPAD
A
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
G18
MMC0_CLK
MMC0_CLK
IO
On / Low / Off
On / SS / Off
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
J21
MMC0_CMD
MMC0_CMD
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
G19
MMC0_DS
MMC0_DS
IO
On / Off / Down
On / Off / Down
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
L20
MMC1_CLK
PADCONFIG:
PADCONFIG163
0x000F428C
MMC1_CLK
0
IO
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
UART2_CTSn
1
I
1
TIMER_IO4
2
IO
0
UART4_RXD
3
I
1
GPIO1_75
7
IO
pad
J19
MMC1_CMD
PADCONFIG:
PADCONFIG165
0x000F4294
MMC1_CMD
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
UART2_RTSn
1
O
TIMER_IO5
2
IO
0
UART4_TXD
3
O
GPIO1_76
7
IO
pad
D19
MMC1_SDCD
PADCONFIG:
PADCONFIG166
0x000F4298
MMC1_SDCD
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_CTSn
1
I
1
TIMER_IO6
2
IO
0
UART5_RXD
3
I
1
GPIO1_77
7
IO
pad
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com