Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 260 page
background image
6.3 Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
The following list describes the column headers:
1. SIGNAL NAME: The name of the signal passing through the pin.
Note
Signal names and descriptions provided in each Signal Descriptions table, represent the pin
multiplexed signal function which is implemented at the pin and selected via PADCONFIG
registers. Device subsystems may provide secondary multiplexing of signal functions, which are
not described in these tables. For more information on secondary multiplexed signal functions,
see the respective peripheral chapter of the device TRM.
2. PIN TYPE: Signal direction and type:
• I = Input
• O = Output
• OD = Output, with open-drain output function
• IO = Input, Output, or simultaneously Input and Output
• IOD = Input, Output, or simultaneously Input and Output with open-drain output function
• IOZ = Input, Output, or simultaneously Input and Output with three-state output function
• OZ = Output with three-state output function
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor
3. DESCRIPTION: Description of the signal
 
4. BALL: Ball number(s) associated with signal
For more information on the IO cell configurations, see the Pad Configuration Registers section in Device
Configuration chapter of the device TRM.
6.3.1 ADC
Note
The ADC can be configured to operate as eight general-purpose digital inputs. For more information,
see Analog-to-Digital Converter (ADC) section in Peripherals chapter in the device TRM.
6.3.1.1 MAIN Domain
Table 6-2. ADC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
ADC0_REFN (4)
A
ADC0 Negative Reference
J16
ADC0_REFP (4)
A
ADC0 Positive Reference
J15
ADC0_AIN0 (1) (2) (3)
A
ADC Analog Input 0 / GPIO1_80 (Input Only)
G20
ADC0_AIN1 (1) (2) (3)
A
ADC Analog Input 1 / GPIO1_81 (Input Only)
F20
ADC0_AIN2 (1) (2) (3)
A
ADC Analog Input 2 / GPIO1_82 (Input Only)
E21
ADC0_AIN3 (1) (2) (3)
A
ADC Analog Input 3 / GPIO1_83 (Input Only)
D20
ADC0_AIN4 (1) (2) (3)
A
ADC Analog Input 4 / GPIO1_84 (Input Only)
G21
ADC0_AIN5 (1) (2) (3)
A
ADC Analog Input 5 / GPIO1_85 (Input Only)
F21
ADC0_AIN6 (1) (2) (3)
A
ADC Analog Input 6 / GPIO1_86 (Input Only)
F19
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com