Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 74Page - Texas Instruments AM6421 Datasheet HTML 75Page - Texas Instruments AM6421 Datasheet HTML 76Page - Texas Instruments AM6421 Datasheet HTML 77Page - Texas Instruments AM6421 Datasheet HTML 78Page - Texas Instruments AM6421 Datasheet HTML 79Page - Texas Instruments AM6421 Datasheet HTML 80Page - Texas Instruments AM6421 Datasheet HTML 81Page - Texas Instruments AM6421 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 260 page
background image
Table 6-53. MCU_MCSPI1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_SPI1_CS0
IO
SPI Chip Select 0
A7
MCU_SPI1_CS1
IO
SPI Chip Select 1
B7
MCU_SPI1_CS2
IO
SPI Chip Select 2
E8
MCU_SPI1_CS3
IO
SPI Chip Select 3
B9
MCU_SPI1_D0
IO
SPI Data 0
C7
MCU_SPI1_D1
IO
SPI Data 1
C8
6.3.15 MDIO
6.3.15.1 MAIN Domain
Table 6-54. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MDIO0_MDC
O
MDIO Clock
R2, Y6
MDIO0_MDIO
IO
MDIO Data
AA6, P5
6.3.16 MMC
6.3.16.1 MAIN Domain
Table 6-55. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MMC0_CALPAD (1)
A
MMC/SD/SDIO Calibration Resistor
F18
MMC0_CLK
IO
MMC/SD/SDIO Clock
G18
MMC0_CMD
IO
MMC/SD/SDIO Command
J21
MMC0_DS
IO
MMC Data Strobe
G19
MMC0_DAT0
IO
MMC/SD/SDIO Data
K20
MMC0_DAT1
IO
MMC/SD/SDIO Data
J20
MMC0_DAT2
IO
MMC/SD/SDIO Data
J18
MMC0_DAT3
IO
MMC/SD/SDIO Data
J17
MMC0_DAT4
IO
MMC/SD/SDIO Data
H17
MMC0_DAT5
IO
MMC/SD/SDIO Data
H19
MMC0_DAT6
IO
MMC/SD/SDIO Data
H18
MMC0_DAT7
IO
MMC/SD/SDIO Data
G17
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-56. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MMC1_CLK (1)
IO
MMC/SD/SDIO Clock
L20
MMC1_CMD
IO
MMC/SD/SDIO Command
J19
MMC1_SDCD
I
SD Card Detect
D19
MMC1_SDWP
I
SD Write Protect
C20
MMC1_DAT0
IO
MMC/SD/SDIO Data
K21
MMC1_DAT1
IO
MMC/SD/SDIO Data
L21
MMC1_DAT2
IO
MMC/SD/SDIO Data
K19
MMC1_DAT3
IO
MMC/SD/SDIO Data
K18
(1)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG164 register must remain in its default state
of 0x1 because of retiming purposes.
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com