Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 21Page - Texas Instruments AM6421 Datasheet HTML 22Page - Texas Instruments AM6421 Datasheet HTML 23Page - Texas Instruments AM6421 Datasheet HTML 24Page - Texas Instruments AM6421 Datasheet HTML 25Page - Texas Instruments AM6421 Datasheet HTML 26Page - Texas Instruments AM6421 Datasheet HTML 27Page - Texas Instruments AM6421 Datasheet HTML 28Page - Texas Instruments AM6421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
V18
GPMC0_AD13
PADCONFIG:
PADCONFIG28
0x000F4070
GPMC0_AD13
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_RX1_D1
1
I
0
EHRPWM3_A
3
IO
0
TRC_DATA11
6
O
GPIO0_28
7
IO
pad
PRG0_PWM3_A0
9
IO
0
BOOTMODE13
Bootstrap
I
Y21
GPMC0_AD14
PADCONFIG:
PADCONFIG29
0x000F4074
GPMC0_AD14
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_TX0_D0
1
O
UART6_RXD
2
I
1
EHRPWM3_B
3
IO
0
TRC_DATA12
6
O
GPIO0_29
7
IO
pad
PRG0_PWM3_B0
9
IO
1
BOOTMODE14
Bootstrap
I
Y20
GPMC0_AD15
PADCONFIG:
PADCONFIG30
0x000F4078
GPMC0_AD15
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_TX0_D1
1
O
UART6_TXD
2
O
EHRPWM3_SYNCI
3
I
0
TRC_DATA13
6
O
GPIO0_30
7
IO
pad
BOOTMODE15
Bootstrap
I
P17
GPMC0_BE0n_CLE
PADCONFIG:
PADCONFIG36
0x000F4090
GPMC0_BE0n_CLE
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_TX1_D0
1
O
UART6_RTSn
2
O
EHRPWM_TZn_IN4
3
I
0
EHRPWM7_A
5
IO
0
TRC_DATA18
6
O
GPIO0_35
7
IO
pad
PRG1_PWM2_A1
9
IO
0
T19
GPMC0_BE1n
PADCONFIG:
PADCONFIG37
0x000F4094
GPMC0_BE1n
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
FSI_TX0_CLK
1
O
EHRPWM5_A
3
IO
0
TRC_DATA19
6
O
GPIO0_36
7
IO
pad
PRG0_PWM3_A2
9
IO
0
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com