Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments AM6421 Datasheet HTML 10Page - Texas Instruments AM6421 Datasheet HTML 11Page - Texas Instruments AM6421 Datasheet HTML 12Page - Texas Instruments AM6421 Datasheet HTML 13Page - Texas Instruments AM6421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 260 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM64x Software Build Sheet.
Table 5-1. Device Comparison
FEATURES
REFERENCE
NAME
AM6442
AM6441
AM6422
AM6421
AM6412
AM6411
CTRLMMR_WKUP_JTAG_DEVICE_ID[31:13] DEVICE_ID register
bit field value(1)
D: 0x19464
E: 0x19465
F: 0x19466
D: 0x19264
E: 0x19265
F: 0x19266
D: 0x19424
D: 0x19224
E: 0x19225
F: 0x19226
C: 0x19403
C: 0x19203
PROCESSORS AND ACCELERATORS
Speed Grades (See Table 7-1)
S
S
S
S
S, K
S, K
Arm Cortex-A53 Microprocessor Subsystem
Arm A53
Dual Core
Single Core
Dual Core
Single Core
Dual Core
Single Core
Arm Cortex-R5F
Arm R5F
2 ×
Dual Core
2 ×
Dual Core
1 ×
Dual Core
1 ×
Dual Core
Single Core
Single Core
Arm Cortex-M4F
Arm M4F
Single Core
Functional Safety Optional(4)
Single Core
Single Core
Functional
Safety
Optional(4)
Single Core
Device Management Security Controller
DMSC-L
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain OCSRAM
2MB
R5F Tightly Coupled Memory (TCM)
TCM
256KB
256KB
256KB
256KB
128KB
128KB
On-Chip Shared Memory (RAM) in M4F Domain
MCU_MSRAM
256KB
DDR4/LPDDR4 DDR Subsystem
DDRSS
Up to 2GB (16-bit data) with inline ECC
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
PERIPHERALS
Modular Controller Area Network Interface
MCAN
2
Full CAN-FD Support(2)
MCAN
Optional
Optional
No
Optional
No
No
General-Purpose I/O
GPIO
Up to 198
Inter-Integrated Circuit Interface
I2C
6
Analog-to-Digital Converter
ADC
1
No
No
Multichannel Serial Peripheral Interface
MCSPI
7
Multi-Media Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
Fast Serial Interface
FSI_TX
2
FSI_RX
6
Flash Subsystem (FSS)(3)
OSPI0/QSPI0
Yes
PCI Express Port with Integrated SerDes PHY
PCIE0
Single Lane(7)
Programmable Real-Time Unit Subsystem(5)
PRU_ICSSG
2
PRU_ICSSG Industrial Communication
Support(6)
PRU_ICSSG
Optional
No
No
Gigabit Ethernet Interface
CPSW3G
Yes
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com