Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 51Page - Texas Instruments AM6421 Datasheet HTML 52Page - Texas Instruments AM6421 Datasheet HTML 53Page - Texas Instruments AM6421 Datasheet HTML 54Page - Texas Instruments AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B11
TCK
PADCONFIG:
MCU_PADCONFIG26
0x04084068
TCK
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
C11
TDI
PADCONFIG:
MCU_PADCONFIG28
0x04084070
TDI
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
A12
TDO
PADCONFIG:
MCU_PADCONFIG29
0x04084074
TDO
0
OZ
Off / Off / Up
Off / SS / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
C12
TMS
PADCONFIG:
MCU_PADCONFIG30
0x04084078
TMS
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
D11
TRSTn
PADCONFIG:
MCU_PADCONFIG27
0x0408406C
TRSTn
0
I
On / Off / Down
On / Off / Down
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
B16
UART0_CTSn
PADCONFIG:
PADCONFIG142
0x000F4238
UART0_CTSn
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS2
1
IO
1
ADC_EXT_TRIGGER0
2
I
0
UART2_RXD
3
I
1
TIMER_IO6
4
IO
0
SPI4_CLK
6
IO
0
GPIO1_54
7
IO
pad
EQEP0_S
8
IO
0
CP_GEMAC_CPTS0_TS_SYNC
9
O
A16
UART0_RTSn
PADCONFIG:
PADCONFIG143
0x000F423C
UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS3
1
IO
1
UART2_TXD
3
O
TIMER_IO7
4
IO
0
SPI4_D0
6
IO
0
GPIO1_55
7
IO
pad
EQEP0_I
8
IO
0
D15
UART0_RXD
PADCONFIG:
PADCONFIG140
0x000F4230
UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI2_D0
2
IO
0
GPIO1_52
7
IO
pad
EQEP0_A
8
I
0
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com