Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 100 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 96Page - Texas Instruments AM6421 Datasheet HTML 97Page - Texas Instruments AM6421 Datasheet HTML 98Page - Texas Instruments AM6421 Datasheet HTML 99Page - Texas Instruments AM6421 Datasheet HTML 100Page - Texas Instruments AM6421 Datasheet HTML 101Page - Texas Instruments AM6421 Datasheet HTML 102Page - Texas Instruments AM6421 Datasheet HTML 103Page - Texas Instruments AM6421 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 260 page
background image
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 7-1. IO Transient Voltage Ranges
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Power-On Hours (POH)
EXTENDED JUNCTION TEMPERATURE RANGE(1) (2) (3)
JUNCTION TEMP (TJ)
LIFETIME (POH)
-40°C to 105°C
100000
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in the device at the noted
temperatures.
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures will result in a reduction in POH.
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
100
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com