Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 98Page - Texas Instruments AM6421 Datasheet HTML 99Page - Texas Instruments AM6421 Datasheet HTML 100Page - Texas Instruments AM6421 Datasheet HTML 101Page - Texas Instruments AM6421 Datasheet HTML 102Page - Texas Instruments AM6421 Datasheet HTML 103Page - Texas Instruments AM6421 Datasheet HTML 104Page - Texas Instruments AM6421 Datasheet HTML 105Page - Texas Instruments AM6421 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 260 page
background image
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDDSHV5
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
TJ
Operating junction temperature range
Extended
-40
105
°C
(1)
The voltage at the device ball must never drop below the MIN voltage or rise above the MAX voltage for any amount of time during
normal device operation.
(2)
VDD_MMC0 and VDD_DLL_MMC0 must be connected to the same power source as VDD_CORE when MMC0 is not used. In this
case, VDD_MMC0 and VDD_DLL_MMC0 may be operated at a nominal voltage of 0.75 or 0.85.
(3)
VDDS_DDR and VDDS_DDR_C shall be sourced from the same power source.
(4)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see Section 9.2.4, System Power
Supply Monitor Design Guidelines.
(5)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
(6)
The USB0_ID pin is connected to analog circuits in the USB0 PHY. The analog circuits source a known current while measuring
voltage, to determine the resistance value (RID), if connected to VSS through a resistor. This pin should be connected to VSS for USB
host operation, or left unconnected for USB device operation, and should never be connected to any external voltage source.
7.5 Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of each
Operating Performance Point (OPP) for processor clocks and device core clocks.
Table 7-1 describes the maximum supported frequency per speed grade for the device.
Table 7-1. Speed Grade Maximum Frequency
DEVICE
MAXIMUM FREQUENCY (MHz)
SPEED
GRADE
A53SS
R5FSS
M4FSS
CBASS0
ICSSG
DMSC-L
DDR4(1)
LPDDR4(1)
AM64x
S
1000
800
400
250
333
250
800 (DDR-1600)
800 (LPDDR-1600)
AM64x
K
800
400
400
250
250
250
800 (DDR-1600)
800 (LPDDR-1600)
(1)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to AM64x\AM243x DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR
frequency.
7.6 Power Consumption Summary
For information on the device power consumption, see the AM64x/AM243x Power Estimation Tool application
note .
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
102
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com