Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 99Page - Texas Instruments AM6421 Datasheet HTML 100Page - Texas Instruments AM6421 Datasheet HTML 101Page - Texas Instruments AM6421 Datasheet HTML 102Page - Texas Instruments AM6421 Datasheet HTML 103Page - Texas Instruments AM6421 Datasheet HTML 104Page - Texas Instruments AM6421 Datasheet HTML 105Page - Texas Instruments AM6421 Datasheet HTML 106Page - Texas Instruments AM6421 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 260 page
background image
7.7 Electrical Characteristics
Note
The interfaces or signals described in Section 7.7.1 through Section 7.7.10 correspond to the
interfaces or signals available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
7.7.1 I2C Open-Drain, and Fail-Safe (I2C OD FS) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8 V MODE
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
1.98(2)
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.1 × VDD
(1)
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
VOL
Output Low Voltage
0.2 × VDD
(1)
V
IOL (3)
Low Level Output Current
VOL(MAX)
20
mA
SRI (5)
Input Slew Rate
18f(4)
or
1.8E+6
V/s
3.3 V MODE
(6)
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.25 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
3.63(2)
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.05 × VDD
(1)
mV
IIN
Input Leakage Current.
VI = 3.3 V
or
VI = 0 V
±10
µA
VOL
Output Low Voltage
0.4
V
IOL (3)
Low Level Output Current
VOL(MAX)
20
mA
SRI (5)
Input Slew Rate
33f(4)
or
3.3E+6
8E+7
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
(2)
This value also defines the Absolute Maximum Ratings value the IO.
(3)
The IOL parameter defines the minimum Low Level Output Current for which the device is able to maintain the specified VOL value.
The value defined by this parameter should be considered the maximum current available to a system implementation which needs to
maintain the specified VOL value for attached components.
(4)
f = toggle frequency of the input signal in Hz.
(5)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
(6)
I2C Hs-mode is not supported when operating the IO in 3.3 V mode.
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com