| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 92 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 92 Page - Texas Instruments |
|
92 / 260 page ![]() Table 6-72. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART2_CTSn I UART Clear to Send (active low) L20, V19, Y1 UART2_RTSn O UART Request to Send (active low) J19, T18, U2 UART2_RXD I UART Receive Data B16, K18, T20, V1, W6 UART2_TXD O UART Transmit Data A16, K19, R4, U21 Table 6-73. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART3_CTSn I UART Clear to Send (active low) D19, T17, V2 UART3_RTSn O UART Request to Send (active low) C20, R3, U19 UART3_RXD I UART Receive Data AA5, D16, L21, U20, W1 UART3_TXD O UART Transmit Data AA2, E16, K21, U18 Table 6-74. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART4_CTSn I UART Clear to Send (active low) R16, R5, T3, V1 UART4_RTSn O UART Request to Send (active low) R1, R17, T2, W1 UART4_RXD I UART Receive Data A17, L20, V20, W4, Y3 UART4_TXD O UART Transmit Data B17, J19, T1, V21, W5, Y4 Table 6-75. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART5_CTSn I UART Clear to Send (active low) W20, Y13, Y2 UART5_RTSn O UART Request to Send (active low) T21, V12, V3 UART5_RXD I UART Receive Data C17, D19, P16, T6, Y5 UART5_TXD O UART Transmit Data C20, D17, R18, W2 Table 6-76. UART6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART6_CTSn I UART Clear to Send (active low) T4, W21 UART6_RTSn O UART Request to Send (active low) P17, P4 UART6_RXD I UART Receive Data C13, U6, V6, Y21 UART6_TXD O UART Transmit Data D14, W3, Y20 6.3.24.2 MCU Domain Table 6-77. MCU_UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCU_UART0_CTSn I UART Clear to Send (active low) D8 MCU_UART0_RTSn O UART Request to Send (active low) E8 MCU_UART0_RXD I UART Receive Data A9 AM6442, AM6441, AM6422, AM6421, AM6412, AM6411 SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022 www.ti.com 92 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |