Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 99 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 95Page - Texas Instruments AM6421 Datasheet HTML 96Page - Texas Instruments AM6421 Datasheet HTML 97Page - Texas Instruments AM6421 Datasheet HTML 98Page - Texas Instruments AM6421 Datasheet HTML 99Page - Texas Instruments AM6421 Datasheet HTML 100Page - Texas Instruments AM6421 Datasheet HTML 101Page - Texas Instruments AM6421 Datasheet HTML 102Page - Texas Instruments AM6421 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 260 page
background image
over operating junction temperature range (unless otherwise noted)
(1)(2)
PARAMETER
MIN
MAX UNIT
Steady-state max voltage at all fail-safe IO pins
MCU_PORz
-0.3
3.63
V
MCU_I2C0_SCL, MCU_I2C0_SDA,
I2C0_SCL, I2C0_SDA, and EXTINTn
When operating at 1.8V
-0.3
1.98(3)
V
MCU_I2C0_SCL, MCU_I2C0_SDA,
I2C0_SCL, I2C0_SDA, and EXTINTn
When operating at 3.3V
-0.3
3.63(3)
VMON_1P8_MCU, and
VMON_1P8_SOC
-0.3
1.98
V
VMON_3P3_MCU, and
VMON_3P3_SOC
-0.3
3.63
V
VMON_VSYS(4)
-0.3
1.98
V
Steady-state max voltage at all other IO pins(5)
USB0_VBUS(6)
-0.3
3.6
V
USB0_ID(7)
-0.3
3.6
All other IO pins
-0.3
IO supply
voltage + 0.3
V
Transient overshoot and undershoot at IO pin
20% of IO supply voltage for up to 20%
of the signal period (see Figure 7-1, IO
Transient Voltage Ranges)
0.2 × VDD(8)
V
Latch-up performance(9)
I-Test
-100
+100
mA
Over-Voltage (OV) Test
1.5 x VDD(8)
V
TSTG
Storage temperature
-55
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
used outside the Section 7.4, Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be
fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
The absolute maximum ratings for these fail-safe pins depends on their IO supply operating voltage. Therefore, this value is also
defined by the maximum VIH value found in the I2C Open-Drain, and Fail-Safe (I2C OD FS) Electrical Characteristics section, where
the electrical characteristics table has separate parameter values for 1.8-V mode and 3.3-V mode.
(4)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see Section 9.2.4, System Power
Supply Monitor Design Guidelines.
(5)
This parameter applies to all IO pins which are not fail-safe and the requirement applies to all values of IO supply voltage. For
example, if the voltage applied to a specific IO supply is 0 volts the valid input voltage range for any IO powered by that supply will be
–0.3 to +0.3 volts. Special attention should be applied anytime peripheral devices are not powered from the same power sources used
to power the respective IO supply. It is important the attached peripheral never sources a voltage outside the valid input voltage range,
including power supply ramp-up and ramp-down sequences.
(6)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
(7)
The USB0_ID pin is connected to analog circuits in the USB0 PHY. The analog circuits source a known current while measuring
voltage, to determine the resistance value (RID), if connected to VSS through a resistor. This pin should be connected to VSS for USB
host operation, or left unconnected for USB device operation, and should never be connected to any external voltage source.
(8)
VDD is the voltage on the corresponding power-supply pin(s) for the IO.
(9)
For current pulse injection (I-Test):
•
Pins stressed per JEDEC JESD78 (Class II) and passed with specified I/O pin injection current and clamp voltage of 1.5 times
maximum recommended I/O voltage and negative 0.5 times maximum recommended I/O voltage.
For over-voltage performance (Over-Voltage (OV) Test):
•
Supplies stressed per JEDEC JESD78 (Class II) and passed specified voltage injection.
Fail-safe IO terminals are designed such they do not have dependencies on the respective IO power
supply voltage. This allows external voltage sources to be connected to these IO terminals when the
respective IO power supplies are turned off. The MCU_I2C0_SCL, MCU_I2C0_SDA, I2C0_SCL, I2C0_SDA,
EXTINTn, VMON_1P8_MCU, VMON_1P8_SOC, VMON_3P3_MCU, VMON_3P3_SOC, VMON_VSYS, and
MCU_PORz are the only fail-safe IO terminals. All other IO terminals are not fail-safe and the voltage applied to
them should be limited to the value defined by the Steady State Max. Voltage at all IO pins parameter in Section
7.1.
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com