Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 11Page - Texas Instruments AM6421 Datasheet HTML 12Page - Texas Instruments AM6421 Datasheet HTML 13Page - Texas Instruments AM6421 Datasheet HTML 14Page - Texas Instruments AM6421 Datasheet HTML 15Page - Texas Instruments AM6421 Datasheet HTML 16Page - Texas Instruments AM6421 Datasheet HTML 17Page - Texas Instruments AM6421 Datasheet HTML 18Page - Texas Instruments AM6421 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 260 page
background image
5. TYPE: Signal type and direction:
• I = Input
• O = Output
• OD = Output, with open-drain output function
• IO = Input, Output, or simultaneously Input and Output
• IOD = Input, Output, or simultaneously Input and Output, with open-drain output function
• IOZ = Input, Output, or simultaneously Input and Output, with three-state output function
• OZ = Output with three-state output function
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor.
6. DSIS: The deselected input state (DSIS) indicates the state driven to the subsystem input (logic "0", logic
"1", or "pad" level) when the pin multiplexed signal function is not selected by MUXMODE.
• 0: Logic 0 driven to the subsystem input.
• 1: Logic 1 driven to the subsystem input.
• pad: Logic state of the pad is driven to the subsystem input.
• An empty box means Not Applicable.
7. BALL STATE DURING RESET RX/TX/PULL: State of the terminal while MCU_PORz is asserted, where RX
defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of
internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– Low: The output buffer is enabled and drives VOL.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: Not Applicable.
• An empty box means Not Applicable.
8. BALL STATE AFTER RESET RX/TX/PULL: State of the terminal after MCU_PORz is deasserted, where
RX defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state
of internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– SS: The subsystem selected with MUXMODE determines the output buffer state.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: Not Applicable.
• An empty box means Not Applicable.
9. MUX MODE AFTER RESET: The value found in this column defines the default pin multiplexed signal
function after MCU_PORz is deasserted.
An empty box means Not Applicable.
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com