Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 40Page - STMicroelectronics TDA7803A Datasheet HTML 41Page - STMicroelectronics TDA7803A Datasheet HTML 42Page - STMicroelectronics TDA7803A Datasheet HTML 43Page - STMicroelectronics TDA7803A Datasheet HTML 44Page - STMicroelectronics TDA7803A Datasheet HTML 45Page - STMicroelectronics TDA7803A Datasheet HTML 46Page - STMicroelectronics TDA7803A Datasheet HTML 47Page - STMicroelectronics TDA7803A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
I2C bus interface
TDA7803A
44/72
DS12195 Rev 7
9.1
Writing procedure
There are two possible procedures:
1.
without increment: the I bit is set to 0 and the register to be written is addressed by the
subaddress SUB A. Only this register is written by the DATA byte following the
subaddress byte.
2.
with increment: the I bit is set to 1 and the first register to be written is the one
addressed by subaddress SUB A. Then all the registers from SUB A up to stop bit or
the reaching of last register are written.
9.2
Reading procedure
There are two possible procedures:
1.
without increment: the I bit is set to 0 and the only register to be read is addressed by
the subaddress sent in the previous write procedure.
2.
with increment: the I bit is set to 1 and the first register to be read is the one addressed
by subaddress sent in the previous write procedure. Then all the registers from this
subaddress up to stop bit or the reaching of last register are read.
9.3
Data validity
The data on the SDA line must be stable during the high period of the clock. The HIGH and
LOW state of the data line can only change when the clock signal on the SCL line is LOW.
9.4
Start and stop conditions
A start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH.
The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
9.5
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
9.6
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse. The receiver** has to pull-down (LOW) the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during this clock pulse.
* Transmitter
= master (µP) when it writes an address or instruction byte to the TDA7803A
= slave (TDA7803A) when the µP reads a data byte from TDA7803A
** Receiver
= slave (TDA7803A) when the µP writes an address or instruction byte to the
TDA7803A
= master (µP) when it reads a data byte from TDA7803A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com