Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 29Page - STMicroelectronics TDA7803A Datasheet HTML 30Page - STMicroelectronics TDA7803A Datasheet HTML 31Page - STMicroelectronics TDA7803A Datasheet HTML 32Page - STMicroelectronics TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics TDA7803A Datasheet HTML 35Page - STMicroelectronics TDA7803A Datasheet HTML 36Page - STMicroelectronics TDA7803A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
DS12195 Rev 7
33/72
TDA7803A
Functional description
71
Figure 37. Thermal muting diagram
6.8
Voltage monitoring feature and ADC characteristics
Through this feature it is possible to monitor the VCC value on I2C data line; below a short
description of the limits, granularity, frequency of operation of this function.
The result of VCC sensing voltage range is 5 V - 19 V; the Vcc - ADC value conversion is
expressed in the table below. The VCC sensing voltage range is 5 V - 19 V (with a typical
reset intervention at 4.8 V), with a precision of 200 mV effective (considering 1 bit of noise).
The output update frequency is 2 MHz.
So, in order to exploit this function, the user should address only the DB7 with the following
subaddress: 'I0011010' (*) and then read the data contained in DB7.
(*) 'I' is the auto increment bit.
The VCC value is expressed by 8 bits binary code:
GAPGPS00811
Vout
Vout
Tj (C)
Tj (C)
TW4
TW3
TW2
TW1
TPL
TPL
TPH
TPH
Table 8. VCC value express by 8 bit with thermometric code
VCC
ADC value
5 V
01000001
6 V
01010000
7 V
01011101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com