Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 16Page - STMicroelectronics TDA7803A Datasheet HTML 17Page - STMicroelectronics TDA7803A Datasheet HTML 18Page - STMicroelectronics TDA7803A Datasheet HTML 19Page - STMicroelectronics TDA7803A Datasheet HTML 20Page - STMicroelectronics TDA7803A Datasheet HTML 21Page - STMicroelectronics TDA7803A Datasheet HTML 22Page - STMicroelectronics TDA7803A Datasheet HTML 23Page - STMicroelectronics TDA7803A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Electrical specification
TDA7803A
20/72
DS12195 Rev 7
Figure 19. Output attenuation vs. Vs
Figure 20. Crosstalk vs. frequency (STD mode)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
23456789
10
NORMAL
Vs (V)
Vo (dB)
STD = SBI MODE
RL = 4
Vo = 2 Vrms
START -STOP
GADG3105161159PS
-110
-100
-90
-80
-70
-60
-50
-40
10
100
1000
10000
100000
f (Hz)
STD MODE
RL = 4
Po = 4 W
CROSSTALK (dB)
GADG3105161230PS
Figure 21. Crosstalk vs. frequency (SBI mode)
Figure 22. Supply voltage rejection vs.
frequency
-110
-100
-90
-80
-70
-60
-50
-40
10
100
1000
10000
100000
f (Hz)
SBI MODE
RL = 4
Po = 4 W
CROSSTALK (dB)
GADG3105161244PS
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
f (Hz)
SVR (dB)
STD & SBI MODE
Vripple = 1 Vrms
GADG3105161257PS
Figure 23. Total power dissipation & efficiency
vs. Po (4 Ω, STD, Sine)
Figure 24. Total power dissipation & efficiency
vs. Po (4 Ω, SBI, Sine)
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
0.1
1
10
Ptot (W)
Po (W)
Vs = 14.4 V
RL = 4 x 4
f = 1 kH z SINE
STD mode
Ptot
(%)
GADG0803170956PS
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Ptot (W)
Po (W)
Vs = 14.4 V
RL = 4 x 4
f = 1 kHz SINE
SBI mode
Ptot
(%)
GADG0803171132PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com