Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 13Page - STMicroelectronics TDA7803A Datasheet HTML 14Page - STMicroelectronics TDA7803A Datasheet HTML 15Page - STMicroelectronics TDA7803A Datasheet HTML 16Page - STMicroelectronics TDA7803A Datasheet HTML 17Page - STMicroelectronics TDA7803A Datasheet HTML 18Page - STMicroelectronics TDA7803A Datasheet HTML 19Page - STMicroelectronics TDA7803A Datasheet HTML 20Page - STMicroelectronics TDA7803A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
DS12195 Rev 7
17/72
TDA7803A
Electrical specification
71
3.4
Electrical characteristics typical curves
IILSTBY
Logic ‘0’ output current
VIN = 0.45 V
-
-
1
µA
IIHSTBY
Logic ‘1’ input current
VIN = 2.3 V (IB0 D4=0)
-
-
1
µA
I2S pins
VIL-I2S
Input low voltage
-
-
-
0.8
V
VIH-I2S
Input high voltage
-
1.3
-
-
V
IIH
Input high current
@ VI = 3.3 V
-
-
1
µA
IIL
Input low current
@ VI = 0 V
-
-
1
µA
Unmute hardware (pin 13)
VHW_UNMUTE
Hardware unmute threshold
(PSO36 only)
Attenuation ≥60 dB
-
-
1.2
V
Attenuation <0.5 dB
2.6
-
-
V
IUNMUTE
Input high current
@ VI = 3.3 V
-
-
1
µA
Input low current
@ VI = 0 V
-
-
1
µA
1. Square-wave input / saturated output.
2. Evaluated at bench during product validation.
3. Guaranteed by design (intrinsically immune from any pop at mute to play and play to mute transitions)
4. The values are the ones that guarantee the correct working of the diagnostic. Since the value is strongly dependent on the
loudspeaker, we decided to target the values for the limits of open load and short load diagnostic.
5. Thermal warning junction temperature values could be changed via I2C bits IB5-d6,d7.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Figure 5. Quiescent current vs. supply voltage Figure 6. Output power vs. supply voltage (4 Ω)
120
140
160
180
200
6
8
10
12
14
16
18
Id (mA)
Vs (V)
Vi = 0
RL =
GADG2705161242PS
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
6
7
8
9
10
11
12
13
14
15
16
17
18
Po (W)
Vs (V)
RL = 4
f = 1 kHz
THD = 10%
THD = 1%
Po -max
GADG2705161340PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com