Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 44Page - STMicroelectronics TDA7803A Datasheet HTML 45Page - STMicroelectronics TDA7803A Datasheet HTML 46Page - STMicroelectronics TDA7803A Datasheet HTML 47Page - STMicroelectronics TDA7803A Datasheet HTML 48Page - STMicroelectronics TDA7803A Datasheet HTML 49Page - STMicroelectronics TDA7803A Datasheet HTML 50Page - STMicroelectronics TDA7803A Datasheet HTML 51Page - STMicroelectronics TDA7803A Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
I2C registers
TDA7803A
48/72
DS12195 Rev 7
10.1.3
IB2 - Subaddress "I0000010h" - default = "00000000"
Table 18. IB2 - Subaddress "I0000010h" - default = "00000000"
Bit
Instruction decoding bit
D7
D6
D5
Mute Time Setting
D7
D6
D5
mute timing (Fs = 44.1 kHz)
0
0
0
1.45 ms
0
0
1
5.8 ms
0
1
0
11.6 ms
0
1
1
23.2 ms
1
0
0
46.4 ms
1
0
1
92.8 ms
1
1
0
185.5 ms
1
1
1
371.1 ms
D4
Mute 1&3
0: Channels 1 & 3 Muted
1: Channels 1 & 3 un-Muted
D3
Mute 2&4
0: Channels 2 & 4 Muted
1: Channels 2 & 4 un-Muted
D2
Disable digital mute
0: Digital mute ON
1: Digital mute OFF
D1
Internal use – set “0”
D0
Low Battery Mute threshold
0: 5.3 V (guaranteed play down to 6 V)
1: 7.3 V (guaranteed play down to 8 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com