Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics TDA7803A Datasheet HTML 35Page - STMicroelectronics TDA7803A Datasheet HTML 36Page - STMicroelectronics TDA7803A Datasheet HTML 37Page - STMicroelectronics TDA7803A Datasheet HTML 38Page - STMicroelectronics TDA7803A Datasheet HTML 39Page - STMicroelectronics TDA7803A Datasheet HTML 40Page - STMicroelectronics TDA7803A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
DS12195 Rev 7
37/72
TDA7803A
Additional features
71
7
Additional features
7.1
Noise gating
Noise gating is an automatic noise reduction feature that activates when output signal
reaches inaudible levels.
When input signal level falls below -102dBFs the system activity is automatically optimized
in order to limit the output noise level as much as possible and permits the full audio chain to
bring very low noise level on the output speakers.
The noise gating process has a 100ms observation time before turning on, in order to avoid
spurious activations.
The feature is enabled by default and can be disabled selecting IB3-d2.
7.2
Tri-state mode
It can be activated by IB0-4..7= 1. It allows to turn-off one or more channels by individually
disabling it or them by turning to a safety mode status (high impedance) whenever an
overload is detected by the diagnostics, in order to prevent any other inconveniences. All
the other sections not interested by a fault will remain completely operational. The tri-state
mode has to be used with the IC preventively set to Standard Class-AB mode
(IB0-D0..3 = 1). Not to be used as an alternative to "IB7-D0" command (amp on/off during
normal operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com