Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 6Page - STMicroelectronics TDA7803A Datasheet HTML 7Page - STMicroelectronics TDA7803A Datasheet HTML 8Page - STMicroelectronics TDA7803A Datasheet HTML 9Page - STMicroelectronics TDA7803A Datasheet HTML 10Page - STMicroelectronics TDA7803A Datasheet HTML 11Page - STMicroelectronics TDA7803A Datasheet HTML 12Page - STMicroelectronics TDA7803A Datasheet HTML 13Page - STMicroelectronics TDA7803A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Block diagram and pins description
TDA7803A
10/72
DS12195 Rev 7
Table 2. PowerSO36 pins description
N°
Pin
Function
1
TAB
Device slug connection
Ground
2
OUT4-
Channels 4 (right rear) negative output
Power Output
3
VCC34
Channels 3 and 4 positive supply
Battery
4
PWGND4
Power ground channel 4
Power Ground
5
OUT4+
Channels 4 (right rear) positive output
Power Output
6
NC
Not connected
-
7
CD/DIAG
Clip detector and diagnostic output
Open Drain Output
8SDA
I2C data
Signal Input
9SCL
I2C clock
Signal Input
10
ADD
I2C Address
Logic Input
11
STBY
STBY pin
Input
12
WS
Word select (I2S bus)
Logic Input
13
UNMUTEhw
Unmute Hardware
Logic Input
14
OUT2+
Channel 2 (Left Rear) positive output
Power Output
15
PWGND2
Power ground channels 2
Power Ground
16
VCC12
Channel 1 and 2 positive supply
Battery
17
OUT2-
Channels 2 (Left Rear) negative output
Power Output
18
TAB
Device slug connection
Ground
19
TAB
Device slug connection
Ground
20
OUT1-
Channel 1 (Left Front) negative output
Power Output
21
VCC12
Channel 1 and 2 positive supply
Battery
22
PWGND1
Power ground channel 1
Power Ground
23
OUT1+
Channel 1 (Left Front) positive output
Power Output
24
SCK
Serial clock (I2S bus)
Logic Input
25
SD24
Serial data channels 2 and 4 (I2S bus)
Logic Input
26
SD13
Serial data channels 1 and 3 (I2S bus)
Logic Input
27
DGND
Digital ground
Signal Ground
28
AGND
Analog ground
Signal Ground
29
D3V3
Digital 3.3V supply filter
Digital Regulator
30
A3V3
Analog 3.3V supply filter
Analog Regulator
31
NC
Not connected
-
32
OUT3+
Channels 3 (right front) positive output
Power Output
33
PWGND3
Power ground channel 3
Power Ground
34
VCC34
Channels 3 and 4 positive supply
Battery
35
OUT3-
Channels 3 (right front) negative output
Power Output
36
TAB
Device slug connection
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com