Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 7Page - STMicroelectronics TDA7803A Datasheet HTML 8Page - STMicroelectronics TDA7803A Datasheet HTML 9Page - STMicroelectronics TDA7803A Datasheet HTML 10Page - STMicroelectronics TDA7803A Datasheet HTML 11Page - STMicroelectronics TDA7803A Datasheet HTML 12Page - STMicroelectronics TDA7803A Datasheet HTML 13Page - STMicroelectronics TDA7803A Datasheet HTML 14Page - STMicroelectronics TDA7803A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
DS12195 Rev 7
11/72
TDA7803A
Application diagrams
71
2
Application diagrams
Figure 3. I2C bus mode application diagram (Flexiwatt))
Figure 4. I2C bus mode application diagram (PowerSO)
1. Refer to Section 9: I2C bus interface for connection suggestions.
VCC12
STBY
VCC34
C3
0.22μF
C4
2.200μF
Vs
OUT RF / OUT3
+
-
+
2
21
18
19
20
24
7
OUT RR / OUT4
OUT LF / OUT1
+
-
27
26
23
22
10
9
I
2C BUS
SDA
SCL
TDA7803A
WS
SCK
OUT LR / OUT2
-
+
-
13
12
11
3
8
4
5
6
SD24
SD13
I
2S INPUT
C5 (*)
22μF
C6 (*)
(*) Ceramic (X7R) types recommended.
4.7μF
TAB
V
14
17
16
25
47k
1
DGND
15
AGND
D3V3
A3V3
R3
CD/DIAG
GADG1701170816PS
C3
STBY
0.22μF
C4
2.200μF
Vs
OUT RF / OUT3
-
+
VCC34 VCC34
11
34
3
32
33
35
VCC12
VCC12
16
21
WS
OUT RR / OUT4
+
-
+
12
9
8
5
4
2
23
TDA7803A
SDA
SCL
SCK
OUT LF / OUT1
OUT LR / OUT2
+
-
26
25
24
22
20
14
15
17
SD24
SD13
10
ADD
(see Note 1)
TAB
V
-
27
30
29
7
17
1, 18, 19, 36
28
R3
13
47k
R4
1μF
UNMUTEhw
C7
V
47k
DGND AGND
D3V3
A3V3
CD/DIAG
I
2C BUS
I
2S INPUT
C5 (*)
22μF
C6 (*)
(*) Ceramic (X7R) types recommended.
4.7μF
GADG1701170820PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com