Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 24Page - STMicroelectronics TDA7803A Datasheet HTML 25Page - STMicroelectronics TDA7803A Datasheet HTML 26Page - STMicroelectronics TDA7803A Datasheet HTML 27Page - STMicroelectronics TDA7803A Datasheet HTML 28Page - STMicroelectronics TDA7803A Datasheet HTML 29Page - STMicroelectronics TDA7803A Datasheet HTML 30Page - STMicroelectronics TDA7803A Datasheet HTML 31Page - STMicroelectronics TDA7803A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
Functional description
TDA7803A
28/72
DS12195 Rev 7
Figure 35. Short across the speaker and open load threshold description, line driver
mode
GAPGPS00809
Open Load
Normal Load
Short Across
Load
0
Ω
20
Ω
60
Ω
1k
Ω
3k
Ω
infinite
Table 6. Start-up pulse typical timings (Fs = 48 kHz)
Symbol
Parameter
Min
Typ
Max
Unit
Note
TSTR
Time to rise the outputs
from 0V to a certain
battery’s percentage
-
10 (+ 10)
-
ms
When A3V3 goes up, the reported
number has to be added
TSTF
Time to rise the outputs
from a certain battery’s
percentage to 0V
-
10 (+ 10)
-
ms
When A3V3 goes down, the reported
number has to be added
TPLS
Plateau time for soft-short
and short to VCC/GND
diagnostic
-80
-
ms
This time parameter is load
independent and is not stretchable
setting bit IB6[7:5]
TP
Plateau time for short
circuit or open load
diagnostic detection
phase
-
80 (1)
-ms
TP = 86 ms · X 
when 140 ms - 2 ·TRU > 80 ms
TP = (140 ms - 2·TRU) · X
when 140 ms - 2 ·TRU < 80 ms
TPL
Pulse time for short circuit
or open load diagnostic
detection phase
-
120
122.4(2)
ms
TP = (2·TRU + TP) · X
X
Multiplier factor in case of
diagnostic active
-
1,2,4,8
-
-
IB6[7:5] setting
TRU=TRD
Ramp-up and ramp-down
diagnostic pulse’s time
-5.8(3)
-
-
2 ohm case
-8.3(3)
-
ms
4 ohm case
TSS
Soft-short diagnostic time
-
100
-
ms
Output rising time + Output falling
time + plateau time (no A3V3)
THS
Short to VCC and GND
diagnostic time
-120
-
ms
A3V3 rising and falling time
(10 ms x2) + Output rising and falling
time + plateau time
TD
Short load and open load
diagnostic time
-
148
-
ms
2 ohm case (X=1)
-
160
-
ms
4 ohm case (X=1)
Ttot
Total diagnostic time
-260
-
ms
4 ohm load and no faults
(Ttot = TSS + TD)
-220
-
ms
Hard or soft short to supplies
(Ttot = TSS + THS)
-420
-
ms
Open load (X = 1, IB4 (D1/D2) = 0)
Ttot = TSS + TD1 + TD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com