Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 23Page - STMicroelectronics TDA7803A Datasheet HTML 24Page - STMicroelectronics TDA7803A Datasheet HTML 25Page - STMicroelectronics TDA7803A Datasheet HTML 26Page - STMicroelectronics TDA7803A Datasheet HTML 27Page - STMicroelectronics TDA7803A Datasheet HTML 28Page - STMicroelectronics TDA7803A Datasheet HTML 29Page - STMicroelectronics TDA7803A Datasheet HTML 30Page - STMicroelectronics TDA7803A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
DS12195 Rev 7
27/72
TDA7803A
Functional description
71
case of IB4 (D1/D2) = 0. The pulse amplitude is stopped when the current flowing
through the speaker Ispeaker is the same as prefixed one Ilow (low current) or because it
reaches the maximum value permitted. When Ispeaker reaches the value Ilow and Vo<
Vopen (open load threshold) then the speaker can be considered as a normal load
(DBx-D2='0'). In all other cases the result will be open load (DBx-D2='1') (see
Figure 32).
Figure 32. Short circuit and open load diagnostic
The whole diagnostic time depends on the number of pulses that are done. At least two
pulses are done, but they could be three in case of open load. The values inserted into the
Table 6, are calculated basing on Fs = 48000 Hz.
In all cases the fault is sent out to the registers only if it is stable throughout the whole
plateau period. If this condition is not respected, any possible misconnections (Soft-short,
Short to VCC/GND, Short Across or Open Load) won't be reported. The faults for the turn-
on diagnostic are written in DB (1, 2, 3, 4) (D1, D2, D3, D4) (a byte for each channel and a
bit for each fault). They are consistent if DB0 D6 = "1". After a reading the data byte are
reset.
The fault-detection thresholds for short to GND/ Vs remain unchanged independently from
the gain setting. They are as in Figure 33.
Figure 33. Short to GND and short to Vs, threshold description
Concerning the short across the speaker / open speaker, the threshold changes from line
driver mode and speaker mode diagnostic setting, as load expected are pretty different
(either normal speaker's impedance or high impedance). Speaker or line driver mode is
selectable from IB4 D2 for channels 1 and 3 and IB4 D1 for channel 2 and 4. The values in
case of speaker mode are as in Figure 34. The same thresholds will change as in Figure 35,
if line driver mode diagnostic is selected.
Figure 34. Short across the speaker and open load threshold description, in speaker
mode
GAPGPS00806
TSTR
TSTF
TPL
T
RU
TRD
TP
½*VS
TD
Short to
GND
Short to
Vs
Normal Operation
0V
1V
2V
Vs -2V
Vs -1V
Vs
GAPGPS00807
GAPGPS00808
Open Load
Normal Load
Short Across
Load
0
Ω
0.5
Ω 1.5Ω
25
Ω
75
Ω
infinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com