Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 18Page - STMicroelectronics TDA7803A Datasheet HTML 19Page - STMicroelectronics TDA7803A Datasheet HTML 20Page - STMicroelectronics TDA7803A Datasheet HTML 21Page - STMicroelectronics TDA7803A Datasheet HTML 22Page - STMicroelectronics TDA7803A Datasheet HTML 23Page - STMicroelectronics TDA7803A Datasheet HTML 24Page - STMicroelectronics TDA7803A Datasheet HTML 25Page - STMicroelectronics TDA7803A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Operation states
TDA7803A
22/72
DS12195 Rev 7
4
Operation states
TDA7803A functionality is regulated by means of a finite state machine.
Finite state machine diagram is reported in Figure 29.
Main states are:
Standby
ECO-mode
Amplifier mode
Turn-on diagnostic
Permanent diagnostic
4.1
Standby state
When STBY pin is under VILSTBY voltage the amplifier is in stand-by state and the current
consumption is very low.
4.2
ECO-mode state
When STBY pin is over VIHSTBY the amplifier is in a state of low current absorption, the
ECO-mode. The short circuit protections are active and the amplifier is ready for receiving
commands from micro-controller through I2C interface.
Outputs and A3V3 supply are biased at 0 V.
4.3
Amplifier-mode state
When TDA7803A is in ECO-mode state, IB7-d0 is set to "1", (Amplifier-ON), and I2S clock is
present the amplifier moves to Amplifier-mode state.
The outputs are biased from 0 V to Vcc/2 and the current consumption reaches "Iq" level
until the amplifier is set in MUTE or in PLAY with low level signal. User can move the
amplifier from MUTE to PLAY and viceversa acting on IB2-d4, d3 bits.
A hardware unmute pin is available in PSO36 package only.
4.4
Turn-on and permanent diagnostic
TDA7803A provides a powerful and precise diagnostic both with speaker and line driver
loads.
There are two main diagnostic states:
Turn-on diagnostic
Permanent diagnostic.
The Turn-on diagnostic could be run in ECO-mode state and is suggested for sensing the
presence of faults before amplifier turn-on, in order to avoid unwanted or dangerous
conditions due to wrong connections or absence of load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com