Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 12Page - STMicroelectronics TDA7803A Datasheet HTML 13Page - STMicroelectronics TDA7803A Datasheet HTML 14Page - STMicroelectronics TDA7803A Datasheet HTML 15Page - STMicroelectronics TDA7803A Datasheet HTML 16Page - STMicroelectronics TDA7803A Datasheet HTML 17Page - STMicroelectronics TDA7803A Datasheet HTML 18Page - STMicroelectronics TDA7803A Datasheet HTML 19Page - STMicroelectronics TDA7803A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
Electrical specification
TDA7803A
16/72
DS12195 Rev 7
Permanent diagnostics
Pgnd
Short to GND det. (below this
limit, the output is considered
in short circuit to GND)
Power amplifier in Mute or Play,
one or more short circuits
protection activated
--
1
V
Pvs
Short to Vs det. (above this
limit, the Output is
considered in short circuit to
Vs)
-Vs - 1
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the
output is considered without
faults)
-2
-
Vs - 2
V
LSC
Shorted load det.
Parallel mode
-
-
0.35
Ω
Speaker mode
-
-
0.7
Line driver mode
-
-
20
LOP
Normal load det.
Parallel mode
0.65
-
-
Ω
Speaker mode
1.3
-
-
Line driver mode
60
-
-
Tph
Thermal protection junction
temperature
Attenuation ≥60 dB
-
165
-
°C
Tpl
Attenuation <0.5 dB
-
155
-
°C
Tw1
Thermal warning junction
temperature(5)
--
Tpl-5
-
°C
Tw2
--
Tpl-10
-
°C
Tw3
--
Tpl-20
-
°C
Tw4
--
Tpl-30
-
°C
I2C bus interface
fSCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
0.8
V
VIH
Input high voltage
-
1.3
-
-
V
Volmax
Maximum I2C data pin low
voltage when current Isink is
sinked
Isink = 2 mA
-
-
0.27
V
Isink = 8 mA
-
-
0.7
V
Ilimax
Maximum input leakage
current
V = 3.6 V
-
-
1
µA
STBY pin
VILSTBY
Input low voltage
-
-
-
1.2
V
VIHSTBY
Input high voltage
-
2.4
-
-
V
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com