Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 32Page - STMicroelectronics TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics TDA7803A Datasheet HTML 35Page - STMicroelectronics TDA7803A Datasheet HTML 36Page - STMicroelectronics TDA7803A Datasheet HTML 37Page - STMicroelectronics TDA7803A Datasheet HTML 38Page - STMicroelectronics TDA7803A Datasheet HTML 39Page - STMicroelectronics TDA7803A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
Functional description
TDA7803A
36/72
DS12195 Rev 7
under a threshold that depends on the Vs level, the switch will short the corresponding
output to the common bar in such a way that it can exchange current with the other channel.
The dissipation reduction can be up to 50% compared to standard AB class.
The TDA7803A sets the high efficiency mode by default, but it can be changed through the
bits IB0 D3, D2, D1 and D0.
6.11
High power and parallel mode configuration
The TDA7803A is able to support high power applications thanks to its characteristics.
Whenever a higher output power with low impedance loads is needed (i.e. 2ohm load), it is
recommended to enable the current capability enhancer through the IB5[4:1] register.
When needed, the TDA7803A can also support the parallel mode configuration. The
functionality is allowed since the two output powers gates (master and slave) are shorted
together and only one of the two drivers is effectively working (the master). At the same time
the outputs are shorted on the application in such a way to minimize the resistive path.
The I2C bits IB6-d2,d3 are reserved for this function, as it follows:
Bits (D3, D2):
"00" single channel mode configuration for all channels;
"01" (ch1 and ch2): parallel mode configuration, (ch3 and ch4): single channel mode
configuration;
"10" (ch1 and ch2): single channel mode configuration, (ch3 and ch4): parallel mode
configuration;
"11" all channels set in parallel mode configuration.
The master channels are channel 1 when ch1 and ch2 are configured in parallel mode, and
channel 3 when ch3 and ch4 are configured in parallel mode.
6.12
Power on reset threshold
When VCC is lower than 4 V the integrity of I2C registers content is not guaranteed. In this
case the I2C registers are reset and the TDA7803A is put in Eco-mode state. This event is
communicated with a "0" on DB0-d7 I2C bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com