Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7803A Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 37Page - STMicroelectronics TDA7803A Datasheet HTML 38Page - STMicroelectronics TDA7803A Datasheet HTML 39Page - STMicroelectronics TDA7803A Datasheet HTML 40Page - STMicroelectronics TDA7803A Datasheet HTML 41Page - STMicroelectronics TDA7803A Datasheet HTML 42Page - STMicroelectronics TDA7803A Datasheet HTML 43Page - STMicroelectronics TDA7803A Datasheet HTML 44Page - STMicroelectronics TDA7803A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
DS12195 Rev 7
41/72
TDA7803A
I2S and TDM bus interface
71
8.4
Timings requirements
Figure 43. Audio interface timing
TDH
TDS
TSKL
TSKH
TSKY
VHI = 1.3V
VLO = 0.8V
GAPGPS00819
Table 12. I2S interface timing
Symbol
Parameter
note
min
max
unit
Fsck0
SCK (bit clock) frequency
-
-
49.152
MHz
-
SCK (bit clock) frequency tolerance
-
0.9Fsck0
1.1Fsck0
MHz
Tsck
SCK period
-
20
-
ns
-
SCK duty cycle
-
40
60
%
Tsckh
SCK high time
-
6
-
ns
Tsckl
SCK low time
-
6
-
ns
-
SCK transition time
-
-
4
ns
-
WS (word select) frequency
-
-
192
kHz
Twsh
WS high time
I2S
standard
25 or 32 Tsck
(duty cycle=50%)
ns
Twsh
WS high time
TDM 4-
channel
1 Tsck
127 Tsck
ns
Twsh
WS high time
TDM 8 -
TDM 16
(8+8)
channel
1 Tsck
255 Tsck
ns
Tws
WS setup time
-
5
-
ns
Twh
WS hold time
-
6
-
ns
Tds
SD13 SD24 (data inputs) setup time before SCK
rising edge
-5-
ns
Tdh
SD13 SD24 (data inputs) hold time after SCK rising
edge
-6-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com