Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 101 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 101 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 97Page - Texas Instruments MCT8317A Datasheet HTML 98Page - Texas Instruments MCT8317A Datasheet HTML 99Page - Texas Instruments MCT8317A Datasheet HTML 100Page - Texas Instruments MCT8317A Datasheet HTML 101Page - Texas Instruments MCT8317A Datasheet HTML 102Page - Texas Instruments MCT8317A Datasheet HTML 103Page - Texas Instruments MCT8317A Datasheet HTML 104Page - Texas Instruments MCT8317A Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 161 page
background image
Table 8-20. 150_DEG_TWO_PH_PROFILE Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
21-19
TWOPH_STEP3
R/W
0h
150° modulation, Two ph - step duty - 3
0h = 0%
1h = 50 %
2h = 75 %
3h = 83.75 %
4h = 87.5 %
5h = 93.75 %
6h = 97.5 %
7h = 99 %
18-16
TWOPH_STEP4
R/W
0h
150° modulation, Two ph - step duty - 4
0h = 0%
1h = 50 %
2h = 75 %
3h = 83.75 %
4h = 87.5 %
5h = 93.75 %
6h = 97.5 %
7h = 99 %
15-13
TWOPH_STEP5
R/W
0h
150° modulation, Two ph - step duty - 5
0h = 0%
1h = 50 %
2h = 75 %
3h = 83.75 %
4h = 87.5 %
5h = 93.75 %
6h = 97.5 %
7h = 99 %
12-10
TWOPH_STEP6
R/W
0h
150° modulation, Two ph - step duty - 6
0h = 0%
1h = 50 %
2h = 75 %
3h = 83.75 %
4h = 87.5 %
5h = 93.75 %
6h = 97.5 %
7h = 99 %
9-7
TWOPH_STEP7
R/W
0h
150° modulation, Two ph - step duty - 7
0h = 0%
1h = 50 %
2h = 75 %
3h = 83.75 %
4h = 87.5 %
5h = 93.75 %
6h = 97.5 %
7h = 99 %
6-0
RESERVED
R/W
0h
Reserved
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com