Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 104 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 104 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 100Page - Texas Instruments MCT8317A Datasheet HTML 101Page - Texas Instruments MCT8317A Datasheet HTML 102Page - Texas Instruments MCT8317A Datasheet HTML 103Page - Texas Instruments MCT8317A Datasheet HTML 104Page - Texas Instruments MCT8317A Datasheet HTML 105Page - Texas Instruments MCT8317A Datasheet HTML 106Page - Texas Instruments MCT8317A Datasheet HTML 107Page - Texas Instruments MCT8317A Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 161 page
background image
8.7.1.12 REF_PROFILES1 Register (Offset = 9Ah) [Reset = X]
REF_PROFILES1 is shown in Figure 8-60 and described in Table 8-22.
Return to the Table 8-9.
Register to configure speed profile1
Figure 8-60. REF_PROFILES1 Register
31
30
29
28
27
26
25
24
PARITY
REF_PROFILE_CONFIG
DUTY_ON1
R/W-0h
R/W-0h
R/W-X
23
22
21
20
19
18
17
16
DUTY_ON1
DUTY_OFF1
R/W-X
R/W-X
15
14
13
12
11
10
9
8
DUTY_OFF1
DUTY_CLAMP1
R/W-X
R/W-X
7
6
5
4
3
2
1
0
DUTY_CLAMP1
DUTY_A
R/W-X
R/W-X
Table 8-22. REF_PROFILES1 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-29
REF_PROFILE_CONFIG
R/W
0h
Reference Profile Configuration
0h = Duty Control Mode
1h = Linear Mode
2h = Staircase Mode
3h = Forward Reverse Mode
28-21
DUTY_ON1
R/W
X
Duty_ON1 Configuration Turn On Duty Cycle (%) =
{(DUTY_ON1/255)*100}
20-13
DUTY_OFF1
R/W
X
Duty_OFF1 Configuration Turn Off Duty Cycle (%) =
{(DUTY_OFF1/255)*100}
12-5
DUTY_CLAMP1
R/W
X
Duty_CLAMP1 Configuration Duty Cycle for clamping speed (%) =
{(DUTY_CLAMP1/255)*100}
4-0
DUTY_A
R/W
X
5 MSB bits for Duty Cycle A Duty Cycle A (%) = {(DUTY_A/
255)*100}
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
104
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com