Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 108 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 108 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 104Page - Texas Instruments MCT8317A Datasheet HTML 105Page - Texas Instruments MCT8317A Datasheet HTML 106Page - Texas Instruments MCT8317A Datasheet HTML 107Page - Texas Instruments MCT8317A Datasheet HTML 108Page - Texas Instruments MCT8317A Datasheet HTML 109Page - Texas Instruments MCT8317A Datasheet HTML 110Page - Texas Instruments MCT8317A Datasheet HTML 111Page - Texas Instruments MCT8317A Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 161 page
background image
8.7.1.16 REF_PROFILES5 Register (Offset = A2h) [Reset = X]
REF_PROFILES5 is shown in Figure 8-64 and described in Table 8-26.
Return to the Table 8-9.
Register to configure speed profile5
Figure 8-64. REF_PROFILES5 Register
31
30
29
28
27
26
25
24
PARITY
REF_B
REF_C
R/W-0h
R/W-X
R/W-X
23
22
21
20
19
18
17
16
REF_C
REF_D
R/W-X
R/W-X
15
14
13
12
11
10
9
8
REF_D
REF_E
R/W-X
R/W-X
7
6
5
4
3
2
1
0
REF_E
RESERVED
R/W-X
R/W-0h
Table 8-26. REF_PROFILES5 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30
REF_B
R/W
X
1 LSB of REF_B configuration REF B% = {(REF_B/255)*100}
29-22
REF_C
R/W
X
REF C configuration REF C % = {(REF_A/255)*100}
21-14
REF_D
R/W
X
REF D configuration REF D % = {(REF_D/255)*100}
13-6
REF_E
R/W
X
REF E Configuration REF E% = {(REF_E/255)*100}
5-0
RESERVED
R/W
0h
Reserved
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
108
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com