Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 111 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 111 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 107Page - Texas Instruments MCT8317A Datasheet HTML 108Page - Texas Instruments MCT8317A Datasheet HTML 109Page - Texas Instruments MCT8317A Datasheet HTML 110Page - Texas Instruments MCT8317A Datasheet HTML 111Page - Texas Instruments MCT8317A Datasheet HTML 112Page - Texas Instruments MCT8317A Datasheet HTML 113Page - Texas Instruments MCT8317A Datasheet HTML 114Page - Texas Instruments MCT8317A Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 161 page
background image
8.7.2.1 FAULT_CONFIG1 Register (Offset = 92h) [Reset = 00000000h]
FAULT_CONFIG1 is shown in Figure 8-66 and described in Table 8-30.
Return to the Table 8-28.
Register to configure fault settings1
Figure 8-66. FAULT_CONFIG1 Register
31
30
29
28
27
26
25
24
PARITY
NO_MTR_DEG_TIME
CBC_ILIMIT_MODE
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
LOCK_ILIMIT
LOCK_ILIMIT_MODE
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
LOCK_ILIMIT_
MODE
LOCK_ILIMIT_DEG
CBC_RETRY_PWM_CYC
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
RESERVED
MTR_LCK_MODE
LCK_RETRY
R/W-0h
R/W-0h
R/W-0h
Table 8-30. FAULT_CONFIG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-28
NO_MTR_DEG_TIME
R/W
0h
No motor detect deglitch time
0h = 1 ms
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 100 ms
5h = 250 ms
6h = 500 ms
7h = 1000 ms
27-24
CBC_ILIMIT_MODE
R/W
0h
Cycle by cycle current limit
0h = Automatic recovery next PWM cycle; nFAULT active; driver is in
recirculation mode
1h = Automatic recovery next PWM cycle; nFAULT inactive; driver is
in recirculation mode
2h = Automatic recovery if VSOX < ILIMIT; nFAULT active; driver is
in recirculation mode (Only available with high-side modulation)
3h = Automatic recovery if VSOX < ILIMIT; nFAULT inactive; driver is
in recirculation mode (Only available with high-side modulation)
4h = Automatic recovery after CBC_RETRY_PWM_CYC; nFAULT
active; driver is in recirculation mode
5h = Automatic recovery after CBC_RETRY_PWM_CYC; nFAULT
inactive; driver is in recirculation mode
6h = VSOX > ILIMIT is report only but no action is taken
7h = Cycle by Cycle limit is disabled
8h = Cycle by Cycle limit is disabled
9h = Cycle by Cycle limit is disabled
Ah = Cycle by Cycle limit is disabled
Bh = Cycle by Cycle limit is disabled
Ch = Cycle by Cycle limit is disabled
Dh = Cycle by Cycle limit is disabled
Eh = Cycle by Cycle limit is disabled
Fh = Cycle by Cycle limit is disabled
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com