Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 115 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 115 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 111Page - Texas Instruments MCT8317A Datasheet HTML 112Page - Texas Instruments MCT8317A Datasheet HTML 113Page - Texas Instruments MCT8317A Datasheet HTML 114Page - Texas Instruments MCT8317A Datasheet HTML 115Page - Texas Instruments MCT8317A Datasheet HTML 116Page - Texas Instruments MCT8317A Datasheet HTML 117Page - Texas Instruments MCT8317A Datasheet HTML 118Page - Texas Instruments MCT8317A Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 161 page
background image
Table 8-31. FAULT_CONFIG2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
23-21
LOSS_SYNC_TIMES
R/W
0h
Number of times sync lost for loss of sync lock fault
0h = Trigger after losing sync 2 times
1h = Trigger after losing sync 3 times
2h = Trigger after losing sync 4 times
3h = Trigger after losing sync 5 times
4h = Trigger after losing sync 6 times
5h = Trigger after losing sync 7 times
6h = Trigger after losing sync 8 times
7h = Trigger after losing sync 9 times
20-18
NO_MTR_THR
R/W
0h
No motor lock current threshold (No motor lock current threshold (A)
= NO_MTR_THR / CSA_GAIN)
0h = 0.005 V
1h = 0.0075 V
2h = 0.010 V
3h = 0.0125 V
4h = 0.020 V
5h = 0.025 V
6h = 0.030 V
7h = 0.04 V
17
MAX_VM_MODE
R/W
0h
0h = Latch on Overvoltage
1h = Automatic clear if voltage in bounds
16-14
MAX_VM_MOTOR
R/W
0h
Maximum voltage for running motor
0h = No Limit
1h = 10.0 V
2h = 12.0 V
3h = 14.0 V
4h = 16.0 V
5h = 18.0 V
6h = 19.0 V
7h = 20.0 V
13
MIN_VM_MODE
R/W
0h
0h = Latch on Undervoltage
1h = Automatic clear if voltage in bounds
12-10
MIN_VM_MOTOR
R/W
0h
Minimum voltage for running motor
0h = No Limit
1h = 5.0 V
2h = 6.0 V
3h = 7.0 V
4h = 8.0 V
5h = 9.0 V
6h = 10.0 V
7h = 12.0 V
9-7
AUTO_RETRY_TIMES
R/W
0h
Number of automatic retry attempts
0h = No Limit
1h = 2
2h = 3
3h = 5
4h = 7
5h = 10
6h = 15
7h = 20
6-4
LOCK_MIN_SPEED
R/W
0h
Speed below which lock fault is triggered
0h = 0.5 Hz
1h = 1 Hz
2h = 2 Hz
3h = 3 Hz
4h = 5 Hz
5h = 10 Hz
6h = 15 Hz
7h = 25 Hz
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
115
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com