Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 116 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 116 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 112Page - Texas Instruments MCT8317A Datasheet HTML 113Page - Texas Instruments MCT8317A Datasheet HTML 114Page - Texas Instruments MCT8317A Datasheet HTML 115Page - Texas Instruments MCT8317A Datasheet HTML 116Page - Texas Instruments MCT8317A Datasheet HTML 117Page - Texas Instruments MCT8317A Datasheet HTML 118Page - Texas Instruments MCT8317A Datasheet HTML 119Page - Texas Instruments MCT8317A Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 161 page
background image
Table 8-31. FAULT_CONFIG2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-2
ABN_LOCK_SPD_RATIO R/W
0h
Ratio of electrical speed between two consecutive cycles above
which abnormal speed lock fault is triggered
0h = 2
1h = 4
2h = 6
3h = 8
1-0
ZERO_DUTY_THR
R/W
0h
Duty cycle below which target speed is zero
0h = 0%
1h = 1%
2h = 2.0%
3h = 2.5%
8.7.3 Hardware_Configuration Registers
Table 8-32 lists the memory-mapped registers for the Hardware_Configuration registers. All register offset
addresses not listed in Table 8-32 should be considered as reserved locations and the register contents should
not be modified.
Table 8-32. HARDWARE_CONFIGURATION Registers
Offset
Acronym
Register Name
Section
A6h
PIN_CONFIG1
Hardware pin configuration
Section 8.7.3.1
A8h
PIN_CONFIG2
Hardware pin configuration
Section 8.7.3.2
AAh
DEVICE_CONFIG
Peripheral configuration
Section 8.7.3.3
Complex bit access types are encoded to fit into small table cells. Table 8-33 shows the codes that are used for
access types in this section.
Table 8-33. Hardware_Configuration Access Type
Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
116
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com