Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 119 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 119 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 115Page - Texas Instruments MCT8317A Datasheet HTML 116Page - Texas Instruments MCT8317A Datasheet HTML 117Page - Texas Instruments MCT8317A Datasheet HTML 118Page - Texas Instruments MCT8317A Datasheet HTML 119Page - Texas Instruments MCT8317A Datasheet HTML 120Page - Texas Instruments MCT8317A Datasheet HTML 121Page - Texas Instruments MCT8317A Datasheet HTML 122Page - Texas Instruments MCT8317A Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 161 page
background image
Table 8-35. PIN_CONFIG2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
13
FG_CONFIG
R/W
0h
Fault on FG Pin Configuration
0h = FG active till BEMF drops below BEMF threshold defined by
FG_BEMF_THR
1h = FG toggle as long as motor is actively driven
12-11
FG_PIN_FAULT_CONFIG R/W
0h
Fault on FG Pin Configuration
0h = FG continues to toggle till motor stops
1h = FG in Hi-Z state, pulled up externally
2h = FG pulled Low
3h = N/A
10-9
FG_PIN_STOP_CONFIG
R/W
0h
FG upon Motor Stop Configuration
0h = FG continues to toggle till motor stops
1h = FG in Hi-Z state, pulled up externally
2h = FG pulled Low
3h = N/A
8-5
TBLANK
R/W
0h
Blanking time after PWM edge
0h = 0 µs
1h = 1 µs
2h = 2 µs
3h = 3 µs
4h = 4 µs
5h = 5 µs
6h = 6 µs
7h = 7 µs
8h = 8 µs
9h = 9 µs
Ah = 10 µs
Bh = 11 µs
Ch = 12 µs
Dh = 13 µs
Eh = 14 µs
Fh = 15 µs
4-2
TPWDTH
R/W
0h
Comparator deglitch time
0h = 0 µs
1h = 1 µs
2h = 2 µs
3h = 3 µs
4h = 4 µs
5h = 5 µs
6h = 6 µs
7h = 7 µs
1-0
ZERO_DUTY_HYST
R/W
0h
Duty cycle hysteresis to exit standby
0h = 0 %
1h = 1 %
2h = 2 %
3h = 3 %
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com