Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 122 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 122 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 118Page - Texas Instruments MCT8317A Datasheet HTML 119Page - Texas Instruments MCT8317A Datasheet HTML 120Page - Texas Instruments MCT8317A Datasheet HTML 121Page - Texas Instruments MCT8317A Datasheet HTML 122Page - Texas Instruments MCT8317A Datasheet HTML 123Page - Texas Instruments MCT8317A Datasheet HTML 124Page - Texas Instruments MCT8317A Datasheet HTML 125Page - Texas Instruments MCT8317A Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 161 page
background image
8.7.4.1 GD_CONFIG1 Register (Offset = ACh) [Reset = 00000000h]
GD_CONFIG1 is shown in Figure 8-71 and described in Table 8-39.
Return to the Table 8-37.
Register to configure gated driver settings1
Figure 8-71. GD_CONFIG1 Register
31
30
29
28
27
26
25
24
PARITY
RESERVED
RESERVED
RESERVED
OCP_MODE
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
OCP_MODE
RESERVED
OCP_DEG
OCP_TBLANK
TRETRY
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
RESERVED
DLY_TARGET
DLYCMP_EN
SLEW_RATE
R/W-0h
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
SLEW_RATE
CSA_GAIN
RESERVED
R/W-0h
R/W-0h
R/W-0h
Table 8-39. GD_CONFIG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30
RESERVED
R/W
0h
Reserved
29-28
RESERVED
R/W
0h
Reserved
27-26
RESERVED
R/W
0h
Reserved
25-23
OCP_MODE
R/W
0h
OCP MODE
0h = Report on nFAULT, latch into status register, predriver Hi-Z,
auto recover with retry time
1h = Reserved
2h = Report on nFAULT, latch into status register, predriver Hi-Z, no
auto recovery, wait for CLR_FLT
3h = Report on nFAULT, latch into status register, no action on
predriver
4h = Reserved
5h = Reserved
6h = Reserved
7h = Disabled
22
RESERVED
R/W
0h
Reserved
21-20
OCP_DEG
R/W
0h
OCP Deglitch time
0h = 0.3 µs
1h = 0.7 µs
2h = 1 µs
3h = 1.2 µs
19-18
OCP_TBLANK
R/W
0h
OCP Blanking Time
0h = 0.3 µs
1h = 0.6 µs
2h = 1 µs
3h = 1.2 µs
17-16
TRETRY
R/W
0h
Retry Time
0h = 0.5 s
1h = 1 s
2h = 2 s
3h = 5 s
15-14
RESERVED
R/W
0h
Reserved
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
122
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com