Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 126 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 126 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 122Page - Texas Instruments MCT8317A Datasheet HTML 123Page - Texas Instruments MCT8317A Datasheet HTML 124Page - Texas Instruments MCT8317A Datasheet HTML 125Page - Texas Instruments MCT8317A Datasheet HTML 126Page - Texas Instruments MCT8317A Datasheet HTML 127Page - Texas Instruments MCT8317A Datasheet HTML 128Page - Texas Instruments MCT8317A Datasheet HTML 129Page - Texas Instruments MCT8317A Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 161 page
background image
8.8.1.1 GATE_DRIVER_FAULT_STATUS Register (Offset = E0h) [Reset = 00000000h]
GATE_DRIVER_FAULT_STATUS is shown in Figure 8-73 and described in Table 8-43.
Return to the Table 8-41.
Status of various faults
Figure 8-73. GATE_DRIVER_FAULT_STATUS Register
31
30
29
28
27
26
25
24
DRIVER_FAUL
T
RESERVED
R-0h
R-0h
23
22
21
20
19
18
17
16
RESERVED
R-0h
15
14
13
12
11
10
9
8
RESERVED
OCP
RESET
SYSFLT
OVP
CP_UV
VM_UV
RESERVED
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
7
6
5
4
3
2
1
0
OTW
OTS
RESERVED
SPI_FLT
AVDD_UV
VINAVDD_UV
AVDD_OCP
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-43. GATE_DRIVER_FAULT_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
31
DRIVER_FAULT
R
0h
Logic OR of driver fault registers
0h = No Gate Driver fault condition is detected
1h = Gate Driver fault condition is detected
30-15
RESERVED
R
0h
Reserved
14
OCP
R
0h
Over current protection
0h = No overcurrent condition is detected
1h = Overcurrent condition is detected
13
RESET
R
0h
Power On Reset
0h = Powerup condition is detected
1h = Powerup condition is cleared
12
SYSFLT
R
0h
System Fault
0h = No system fault is detected
1h = system fault is detected
11
OVP
R
0h
Over voltage protection
0h = No overvoltage condition is detected on VM
1h = Overvoltage condition is detected on VM
10
CP_UV
R
0h
Charge pump undervoltage
0h = No undervoltage condition is detected on CP
1h = Undervoltage condition is detected on CP
9
VM_UV
R
0h
VM undervoltage
0h = No undervoltage condition is detected on VM
1h = Undervoltage condition is detected on VM
8
RESERVED
R
0h
Reserved
7
OTW
R
0h
Over temperature warning
0h = No overtemperature warning is detected
1h = Overtemperature warning is detected
6
OTS
R
0h
Over temperature shutdown
0h = No overtemperature shutdown is detected
1h = Overtemperature shutdown is detected
5-4
RESERVED
R
0h
Reserved
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
126
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com